Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KF3N50DZ Datasheet(PDF) 2 Page - KEC(Korea Electronics)

No. de pieza KF3N50DZ
Descripción Electrónicos  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF3N50DZ Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KF3N50DZ_15 Datasheet HTML 1Page - KEC(Korea Electronics) KF3N50DZ_15 Datasheet HTML 2Page - KEC(Korea Electronics) KF3N50DZ_15 Datasheet HTML 3Page - KEC(Korea Electronics) KF3N50DZ_15 Datasheet HTML 4Page - KEC(Korea Electronics) KF3N50DZ_15 Datasheet HTML 5Page - KEC(Korea Electronics) KF3N50DZ_15 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2010. 11. 29
2/6
KF3N50DZ/DS
Revision No : 0
ELECTRICAL CHARACTERISTICS (Tc=25
℃)
Note 1) Repetivity rating : Pulse width limited by junction temperature.
Note 2) L=22mH, IS=3A, VDD=50V, RG=25Ω, Starting Tj=25℃.
Note 3) IS≤3A, dI/dt≤100A/㎲, VDD≤BVDSS, Starting Tj=25℃.
Note 4) Pulse Test : Pulse width
≤300㎲, Duty Cycle≤2%.
Note 5) Essentially independent of operating temperature.
2
PRODUCT NAME
LOT NO
1
001
2
KF3N50
DZ
1
001
2
KF3N50
DS
1
Marking
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250㎂ , VGS=0V
500
-
-
V
Breakdown Voltage Temperature Coefficient
ΔBV
DSS/ΔTj
ID=250㎂, Referenced to 25℃
-
0.55
-
V/
Drain Cut-off Current
IDSS
VDS=500V, VGS=0V,
-
-
10
Gate Threshold Voltage
Vth
VDS=VGS, ID=250㎂
2.5
-
4.5
V
Gate Leakage Current
IGSS
VGS=±25V, VDS=0V
-
-
±10
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=1.25A
-
2.0
2.5
Dynamic
Total Gate Charge
Qg
VDS=400V, ID=3A
VGS=10V
(Note4,5)
-
8.0
-
nC
Gate-Source Charge
Qgs
-
2.0
-
Gate-Drain Charge
Qgd
-
3.5
-
Turn-on Delay time
td(on)
VDD=250V
ID=3A
RG=25Ω
(Note4,5)
-
15
-
ns
Turn-on Rise time
tr
-
20
-
Turn-off Delay time
td(off)
-
25
-
Turn-off Fall time
tf
-
20
-
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1.0MHz
-
350
-
pF
Output Capacitance
Coss
-
45
-
Reverse Transfer Capacitance
Crss
-
4.5
-
Source-Drain Diode Ratings
Continuous Source Current
IS
VGS<Vth
-
-
3
A
Pulsed Source Current
ISP
-
-
12
Diode Forward Voltage
VSD
IS=2.5A, VGS=0V
-
-
1.4
V
Reverse Recovery Time
KF3N50DZ
trr
IS=3A, VGS=0V,
dIs/dt=100A/
-
300
-
ns
KF3N50DS
-
120
-
Reverse Recovery Charge
KF3N50DZ
Qrr
-
1.1
-
μC
KF3N50DS
-
0.25
-


Número de pieza similar - KF3N50DZ_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KF3N50DZ-IZ KEC-KF3N50DZ-IZ_15 Datasheet
410Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF3N50DZ/IZ KEC-KF3N50DZ/IZ Datasheet
410Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF3N50DZIZ KEC-KF3N50DZIZ Datasheet
410Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Descripción similar - KF3N50DZ_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com