Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF423 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

No. de pieza BF423
Descripción Electrónicos  SILICON PNP TRIPLE DIFFUSED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BF423 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BF423 Datasheet HTML 1Page - KEC(Korea Electronics) BF423 Datasheet HTML 2Page - KEC(Korea Electronics) BF423 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1998. 10. 31
2/3
BF423
Revision No : 2
0
0
COLLECTOR-EMITTER VOLTAGE VCE (V)
IC - VCE (LOW VOLTAGE REGION)
0
0
BASE-EMITTER VOLTAGE VBE (V)
IC - VBE
10
-3
-10
-1
-0.3
COLLECTOR CURRENT IC (mA)
hFE - IC
COLLECTOR CURRENT IC (mA)
VCE(sat) - IC
-4
-8
-12
-16
-20
-24
-28
-10
-20
-30
-40
-50
-60
COMMON
EMITTER
1.6
1.0
0.6
0.4
0.3
0.2
0.15
I =0.05mA
0
B
0.1
-30
-100
5
30
50
100
300
500
COLLECTOR CURRENT IC (mA)
hFE - IC
-0.3
5
100
10
50
30
300
500
-1
-3
-10
-100
-30
COMMON EMITTER
Ta=25 C
V
=-20V
-10
-5
CE
COMMON EMITTER
V
=-10V
CE
Ta=100 C
Ta=25 C
Ta=-25 C
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-10
-20
-30
-40
-50
COMMON EMITTER
V
=10V
CE
3.0
Ta=25 C
-10
-0.3
-0.05
-0.1
-0.5
-0.3
-1
-5
-3
-1
-3
COMMON EMITTER
Ta=25 C
-30
-100
I /I
=10
C B
5
2
COLLECTOR CURRENT IC (mA)
-0.05
-0.3
-0.1
-0.5
-0.3
-1
-1
-3
-10
-100
-30
I /I =5
COMMON EMITTER
-5
-3
VCE(sat) - IC
C B
Ta=100
C
25
-25


Número de pieza similar - BF423

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BF423 MOTOROLA-BF423 Datasheet
119Kb / 4P
   High Voltage Transistors(PNP)
logo
Dc Components
BF423 DCCOM-BF423 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
ON Semiconductor
BF423 ONSEMI-BF423 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
BF423 ONSEMI-BF423 Datasheet
110Kb / 4P
   High Voltage Transistors
July, 2010 ??Rev. 5
logo
NXP Semiconductors
BF423 PHILIPS-BF423 Datasheet
62Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
More results

Descripción similar - BF423

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Guangdong Kexin Industr...
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
   Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SB1375 TOSHIBA-2SB1375_06 Datasheet
142Kb / 5P
   Silicon PNP Triple Diffused Type
2SA1265 TOSHIBA-2SA1265 Datasheet
94Kb / 2P
   SILICON PNP TRIPLE DIFFUSED TYPE
2SB1667 TOSHIBA-2SB1667_06 Datasheet
161Kb / 5P
   Silicon PNP Triple Diffused Type
TBF870 TOSHIBA-TBF870 Datasheet
119Kb / 4P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Guangdong Kexin Industr...
2SA1971 KEXIN-2SA1971 Datasheet
54Kb / 1P
   Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421 Datasheet
847Kb / 3P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SB1411 TOSHIBA-2SB1411_06 Datasheet
148Kb / 5P
   Silicon PNP Triple Diffused Type
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com