Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KTA1049 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KTA1049
Descripción Electrónicos  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1049 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA1049 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1049 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 6. 11
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1049
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
GENERAL PURPOSE APPLICATION.
FEATURES
Low Collector-Emitter Saturation Voltage
: VCE(sat)=-2.0V(Max.).
Complementary to KTC2028.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
TO-220IS
0.76+0.09/-0.05
A
B
C
D
E
F
G
0.5+0.1/-0.05
H
1.2+0.25/-0.1
1.5+0.25/-0.1
J
K
L
M
N
P
Q
R
1
2
3
L
N
M
D
N
H
E
R
L
S
0.5 Typ
S
D
A
C
2.70 0.3
+
_
12.0 0.3
+
_
13.6 0.5
+
_
3.7 0.2
+
_
Φ3.2 0.2
+
_
10.0 0.3
+
_
15.0 0.3
+
_
3.0 0.3
+
_
4.5 0.2
+
_
2.54 0.1
+
_
+
2.6 0.2
_
6.8 0.1
+
_
1. BASE
2. COLLECTOR
3. EMITTER
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-5
A
Base Current
IB
-0.5
A
Collector Power Dissipation (Tc=25
)
PC
30
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-100V, IE=0
-
-
-100
A
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-1
mA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-50mA, IB=0
-100
-
-
V
DC Current Gain
hFE(1) (Note)
VCE=-5V, IC=-1A
70
-
240
hFE(2)
VCE=-5V, IC=-4A
20
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-4A, IB=-0.4A
-
-
-2.0
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-4A
-
-
-1.5
V
Transition Frequency
fT
VCE=-5V, IC=-1A
-
30
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
90
-
pF
Note : hFE(1) Classification
O:70
140 , Y:120
240


Número de pieza similar - KTA1049

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTA1049 KEC-KTA1049 Datasheet
330Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1049 KEC-KTA1049 Datasheet
49Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Guangdong Kexin Industr...
KTA1049-O KEXIN-KTA1049-O Datasheet
1Mb / 2P
   PNP Transistors
KTA1049-Y KEXIN-KTA1049-Y Datasheet
1Mb / 2P
   PNP Transistors
logo
KEC(Korea Electronics)
KTA1049 KEC-KTA1049_08 Datasheet
49Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Descripción similar - KTA1049

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com