Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF9Z24NPBF Datasheet(PDF) 7 Page - International Rectifier

No. de pieza IRF9Z24NPBF
Descripción Electrónicos  Lead-Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF9Z24NPBF Datasheet(HTML) 7 Page - International Rectifier

  IRF9Z24NPBF Datasheet HTML 1Page - International Rectifier IRF9Z24NPBF Datasheet HTML 2Page - International Rectifier IRF9Z24NPBF Datasheet HTML 3Page - International Rectifier IRF9Z24NPBF Datasheet HTML 4Page - International Rectifier IRF9Z24NPBF Datasheet HTML 5Page - International Rectifier IRF9Z24NPBF Datasheet HTML 6Page - International Rectifier IRF9Z24NPBF Datasheet HTML 7Page - International Rectifier IRF9Z24NPBF Datasheet HTML 8Page - International Rectifier IRF9Z24NPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRF9Z24NPbF
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
*
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

* Reverse Polarity of D.U.T for P-Channel
VGS
[ ]
[ ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices
[
] ***
Peak Diode Recovery dv/dt Test Circuit
+
-
+
+
+
-
-
-
Fig 14. For P-channel HEXFETS


Número de pieza similar - IRF9Z24NPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9Z24NPBF IRF-IRF9Z24NPBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET
More results

Descripción similar - IRF9Z24NPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
   Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
logo
Amphenol Corporation
G09-113130XLF AMPHENOL-G09-113130XLF Datasheet
581Kb / 1P
   lead free
logo
Anaren Microwave
X3DC18P1S ANAREN-X3DC18P1S Datasheet
460Kb / 6P
   Lead Free
logo
Seoul Semiconductor
SMJE-XD08W4PD SEOUL-SMJE-XD08W4PD Datasheet
1Mb / 25P
   Lead Free Product
SSC-SZG05A0A SEOUL-SSC-SZG05A0A Datasheet
810Kb / 21P
   Lead Free product
logo
Samsung semiconductor
K4B2G1646F SAMSUNG-K4B2G1646F Datasheet
515Kb / 71P
   96FBGA with Lead-Free & Halogen-Free
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_12 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
PGB1010603MR LITTELFUSE-PGB1010603MR Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com