Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC0408FC3.3C Datasheet(PDF) 8 Page - Protek Devices

No. de pieza LC0408FC3.3C
Descripción Electrónicos  200w low capacitance fl ip chip tvs arr ay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0408FC3.3C Datasheet(HTML) 8 Page - Protek Devices

  LC0408FC3.3C Datasheet HTML 1Page - Protek Devices LC0408FC3.3C Datasheet HTML 2Page - Protek Devices LC0408FC3.3C Datasheet HTML 3Page - Protek Devices LC0408FC3.3C Datasheet HTML 4Page - Protek Devices LC0408FC3.3C Datasheet HTML 5Page - Protek Devices LC0408FC3.3C Datasheet HTML 6Page - Protek Devices LC0408FC3.3C Datasheet HTML 7Page - Protek Devices LC0408FC3.3C Datasheet HTML 8Page - Protek Devices LC0408FC3.3C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05153.R9 9/12
Page 8
LC0408FC3.3C - LC0408FC36C
taPe anD ReeL inFoRMation
oRDeRinG inFoRMation
Base PaRt nuMBeR
(xx = voltage)
LeaDFRee suFFiX
taPe suFFiX
qty/ReeL
ReeL siZe
tuBe qty
LC0408FCxxC
-LF
-T75-1
5,000
7”
n/a
This device is only available in a Lead-Free configuration.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape
sPeCiFiCations
ReeL Dia.
taPe
wiDth
a0
B0
K0
D
e
F
w
P0
P2
P
tmax
178(7”)
8
0.80 ± 0.10 1.20 ± 0.10 0.70 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.20 4.00 ± 0.12 2.00 ± 0.05 2.00 ± 0.10
0.25
notes
1. Dimensions in millimeters.
2. Top view of tape. Solder bumps are face down in tape package.
3. Orientation: preferred stencil - 0.1mm (0.004”).
4. Surface mount product is taped and reeled in accordance with EIA 481.
5. 8mm plastic tape: 7” Reels - 5,000.
1. Marking on reel: part number, date code and lot number.
taPe & ReeL oRientation
Package outline, pad layout and tape specifications per document number 06021.R5 9/09.
Quad Die - 0408


Número de pieza similar - LC0408FC3.3C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
123Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_07 Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
More results

Descripción similar - LC0408FC3.3C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
PLR3304 PROTEC-PLR3304_12 Datasheet
819Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV05-4M PROTEC-SRV05-4M Datasheet
613Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV2.8-4 PROTEC-SRV2.8-4 Datasheet
555Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
   ultra low capacitance steering diode/tvs arr ay
SLVU2.8-4LC PROTEC-SLVU2.8-4LC Datasheet
636Kb / 9P
   600 WATT MULTI-LINE ult ra LOW CAPACITANCE TVS ARR AY
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com