Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6218SPBF Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRF6218SPBF
Descripción Electrónicos  Low Gate to Drain Charge to Reduce Switching Losses
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6218SPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF6218SPBF_15 Datasheet HTML 1Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 2Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 3Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 4Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 5Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 6Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 7Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 8Page - International Rectifier IRF6218SPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 25, 2015
IRF6218SPbF
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
vs. Temperature
2
4
6
8
10
12
-VGS, Gate-to-Source Voltage (V)
1.0
10
100
TJ = 25°C
TJ = 175°C
VDS = 50V
≤60μs PULSE WIDTH
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = -27A
VGS = -10V
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
-15V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
BOTTOM
-4.5V
≤60μs PULSE WIDTH
Tj = 25°C
-4.5V
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
-4.5V
≤60μs PULSE WIDTH
Tj = 175°C
VGS
TOP
-15V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
BOTTOM
-4.5V


Número de pieza similar - IRF6218SPBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6218SPBF IRF-IRF6218SPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
logo
Infineon Technologies A...
IRF6218SPBF INFINEON-IRF6218SPBF Datasheet
460Kb / 9P
   HEXFET짰 Power MOSFET
2016-5-26
More results

Descripción similar - IRF6218SPBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
IRFR3410 KERSEMI-IRFR3410 Datasheet
1Mb / 8P
   Low Gate-to-Drain Charge to Reduce Switching Losses
logo
International Rectifier
IRF7495TRPBF IRF-IRF7495TRPBF Datasheet
228Kb / 8P
   Low Gate to Drain Charge to Reduce Switching Losses
logo
Kersemi Electronic Co.,...
IRFR18N15D KERSEMI-IRFR18N15D_15 Datasheet
902Kb / 10P
   Low Gate to Drain Charge to Reduce
logo
NXP Semiconductors
SSL4101T NXP-SSL4101T Datasheet
428Kb / 29P
   GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
Rev. 1-21 April 2011
logo
International Rectifier
IRF6636 IRF-IRF6636 Datasheet
238Kb / 9P
   Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce
logo
STMicroelectronics
STS10DN3LH5 STMICROELECTRONICS-STS10DN3LH5 Datasheet
773Kb / 13P
   Very low switching gate charge
May 2009 Rev 1
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
   Low switching losses
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
   Low Switching Losses
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
   Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
   low switching losses
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com