Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6713STRPBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF6713STRPBF
Descripción Electrónicos  RoHS Compliant Containing No Lead and Bromide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6713STRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6713STRPBF Datasheet HTML 1Page - International Rectifier IRF6713STRPBF Datasheet HTML 2Page - International Rectifier IRF6713STRPBF Datasheet HTML 3Page - International Rectifier IRF6713STRPBF Datasheet HTML 4Page - International Rectifier IRF6713STRPBF Datasheet HTML 5Page - International Rectifier IRF6713STRPBF Datasheet HTML 6Page - International Rectifier IRF6713STRPBF Datasheet HTML 7Page - International Rectifier IRF6713STRPBF Datasheet HTML 8Page - International Rectifier IRF6713STRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6713SPbF
2
www.irf.com
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
19
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.2
3.0
mΩ
–––
3.5
4.6
VGS(th)
Gate Threshold Voltage
1.4
1.9
2.4
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.7
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
52
–––
–––
S
Qg
Total Gate Charge
–––
21
32
Qgs1
Pre-Vth Gate-to-Source Charge
–––
5.9
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.7
–––
nC
Qgd
Gate-to-Drain Charge
–––
6.3
–––
Qgodr
Gate Charge Overdrive
–––
6.1
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
9.0
–––
Qoss
Output Charge
–––
14
–––
nC
RG
Gate Resistance
–––
0.40
0.60
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––
13
–––
ns
td(off)
Turn-Off Delay Time
–––
9.2
–––
tf
Fall Time
–––
6.0
–––
Ciss
Input Capacitance
–––
2880
–––
Coss
Output Capacitance
–––
710
–––
pF
Crss
Reverse Transfer Capacitance
–––
340
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
54
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
170
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
0.80
1.0
V
trr
Reverse Recovery Time
–––
20
30
ns
Qrr
Reverse Recovery Charge
–––
18
27
nC
MOSFET symbol
RG = 1.8Ω
VDS = 13V, ID = 17A
Conditions
See Fig. 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VGS = 20V
VGS = -20V
VDS = 20V, VGS = 0V
VDS = 13V
VDS = 20V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 22A i
VGS = 4.5V, ID = 17A i
VDS = VGS, ID = 50µA
TJ = 25°C, IF = 17A
VGS = 4.5V
ID = 17A
VGS = 0V
VDS = 13V
ID = 17A
VDD = 13V, VGS = 4.5VÃi
di/dt = 200A/µs i
TJ = 25°C, IS = 17A, VGS = 0V i
showing the
integral reverse
p-n junction diode.


Número de pieza similar - IRF6713STRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6713STRPBF IRF-IRF6713STRPBF Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6713STRPBF IRF-IRF6713STRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6713STRPBF IRF-IRF6713STRPBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
More results

Descripción similar - IRF6713STRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF_15 Datasheet
281Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6633TR1 IRF-IRF6633TR1 Datasheet
263Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MTR1PBF IRF-IRF8308MTR1PBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF Datasheet
230Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com