Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZTA44 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza PZTA44
Descripción Electrónicos  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PZTA44 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PZTA44_15 Datasheet HTML 1Page - KEC(Korea Electronics) PZTA44_15 Datasheet HTML 2Page - KEC(Korea Electronics) PZTA44_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2005. 1. 17
1/3
SEMICONDUCTOR
TECHNICAL DATA
PZTA44
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
HIGH VOLTAGE APPLICATION.
TELEPHONE APPLICATION.
FEATURES
High Breakdown Voltage.
Collector Power Dissipation : PC=2W(TC=25 )
MAXIMUM RATING (Ta=25
)
+
_
6.5 0.2
+
_
+
_
+
_
A
1
12
3
3
2
SOT-223
L
K
G
J
H
D
F
E
B
C
0.26+0.09/-0.02
10 MAX
0.1 MAX
1.75 0.25
3.0+0.15/-0.1
2.3 TYP
7 0.3
0.7+0.15/-0.1
1.8 MAX
3.5 0.2
DIM
MILLIMETERS
H
E
B
J
F
F
G
K
L
C
D
A
1. BASE
2. COLLECTOR (HEAT SINK)
3. EMITTER
ELECTRICAL CHARACTERISTICS (Ta=25
)
*Pulse Test : Pulse Width
300 S, Duty Cycle
2.0%
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
500
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
300
mA
Collector Power Dissipation
(TC=25 )
PC
2
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=100 A, IE=0
500
-
-
V
Collector-Emitter Breakdown Voltage (1)
V(BR)CEO
IC=1mA, IB=0
400
-
-
V
Collector-Emitter Breakdown Voltage (2)
V(BR)CES
IC=100 A, IB=0
400
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10 A, IC=0
6.0
-
-
V
Collector Cut off Current
ICBO
VCB=400V, IE=0
-
-
100
nA
VCB=320V, IE=0
Collector Cut off Current
ICES
VCE=400V, IB=0
-
-
500
nA
VCE=320V, IB=0
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
-
-
100
nA
DC Current Gain
*
hFE
VCE=10V, IC=1mA
40
-
-
VCE=10V, IC=10mA
50
-
200
VCE=10V, IC=50mA
45
-
-
VCE=10V, IC=100mA
40
-
-
Collector-Emitter Saturation Voltage
*
VCE(sat)
IC=10mA, IB=1mA
-
-
0.5
V
Base-Emitter Saturation Voltage
*
VBE(sat)
IC=10mA, IB=1mA
-
-
0.75
V
Collector Output Capacitane
Cob
VCB=20V, IE=0, f=1MHz
-
-
7
pF


Número de pieza similar - PZTA44_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PZTA44115 NXP-PZTA44115 Datasheet
113Kb / 6P
   NPN high-voltage transistor
1999 May 21
logo
SeCoS Halbleitertechnol...
PZTA44 SECOS-PZTA44_15 Datasheet
71Kb / 1P
   NPN Silicon Medium Power Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_15 Datasheet
112Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR
More results

Descripción similar - PZTA44_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com