Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TIP36C Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza TIP36C
Descripción Electrónicos  TRIPLE DIFFUSED PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TIP36C Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  TIP36C_15 Datasheet HTML 1Page - KEC(Korea Electronics) TIP36C_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2001. 1. 18
1/2
SEMICONDUCTOR
TECHNICAL DATA
TIP36C
TRIPLE DIFFUSED PNP TRANSISTOR
Revision No : 3
HIGH POWER AMPLIFIER APPLICATION.
FEATURES
Recommended for 75W Audio Frequency
Amplifier Output Stage.
Complementary to TIP35C.
Icmax:-25A.
MAXIMUM RATING (Ta=25
)
1. BASE
2. COLLECTOR
3. EMITTER
TO-3P(N)
K
A
D
B
d
P
PT
M
Q
12
3
A
15.9 MAX
MILLIMETERS
DIM
B
4.8 MAX
C
20.0 0.3
D
2.0 0.3
d
1.0+0.3/-0.25
E2.0
F
1.0
G
3.3 MAX
H9.0
I4.5
J
2.0
K
1.8 MAX
L
20.5 0.5
P
5.45 0.2
Q
Φ3.2 0.2
T
0.6+0.3/-0.1
2.8
M
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-100V, IE=0
-
-
-10
A
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-10
A
Collector-emitter Breakdown Voltage
V(BR)CEO
IC=-50mA, IB=0
-100
-
-
V
DC Current Gain
hFE(1) (Note)
VCE=-5V, IC=-1.5A
55
-
160
hFE(2)
VCE=-4V, IC=-15A
15
-
-
Collector-Emitter Saturation Voltage
VCE(sat)(1)
IC=-15A, IB=-1.5A
-
-
-1.8
V
VCE(sat)(2)
IC=-25A, IB=-5.0A
-
-
-4.0
Base-Emitter Voltage
VBE
VCE=-5V, IC=-5A
-
-
-1.5
V
Transition Frequency
fT
VCE=-5V, IC=-1A
3.0
-
-
MHz
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-25
A
Base Current
IB
-5.0
A
Collector Power Dissipation
(Tc=25
)
PC
125
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Note : hFE(1) Classification R:55~110,
O:80~160


Número de pieza similar - TIP36C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TIP36C UTC-TIP36C_15 Datasheet
176Kb / 4P
   HIGH POWER TRANSISTORS
More results

Descripción similar - TIP36C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB688 KEC-KTB688_15 Datasheet
48Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1368 KEC-KTB1368_15 Datasheet
453Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1943A KEC-KTA1943A Datasheet
51Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB778 KEC-KTB778_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36CA KEC-TIP36CA_15 Datasheet
445Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1837 KEC-KTA1837_15 Datasheet
447Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1366 KEC-KTB1366_15 Datasheet
451Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com