Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7402PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF7402PBF
Descripción Electrónicos  Generation V Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7402PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7402PBF_15 Datasheet HTML 1Page - International Rectifier IRF7402PBF_15 Datasheet HTML 2Page - International Rectifier IRF7402PBF_15 Datasheet HTML 3Page - International Rectifier IRF7402PBF_15 Datasheet HTML 4Page - International Rectifier IRF7402PBF_15 Datasheet HTML 5Page - International Rectifier IRF7402PBF_15 Datasheet HTML 6Page - International Rectifier IRF7402PBF_15 Datasheet HTML 7Page - International Rectifier IRF7402PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
9/30/04
IRF7402PbF
Description
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
50
°C/W
Thermal Resistance
Generation V Technology
Ultra Low On-Resistance
N-Channel MOSFET
Very Small SOIC Package
Low Profile (<1.1mm)
Available in Tape & Reel
Fast Switching
Lead-Free
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS = 20V
RDS(on) = 0.035Ω
Fifth Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance per
silicon area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET
power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device
for use in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characterstics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infrared or wave soldering techniques.
Power dissipation of greater than 0.8 W is possible in a
typical PCB mount application.
www.irf.com
1
SO-8
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
6.8
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
5.4
A
IDM
Pulsed Drain Current
54
PD @TA = 25°C
Power Dissipation
2.5
W
PD @TA = 70°C
Power Dissipation
1.6
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
PD - 95202


Número de pieza similar - IRF7402PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7402PBF IRF-IRF7402PBF Datasheet
183Kb / 8P
   HEXFET짰 Power MOSFET
IRF7402PBF IRF-IRF7402PBF Datasheet
188Kb / 8P
   Generation V Technology
More results

Descripción similar - IRF7402PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com