Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7501PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF7501PBF
Descripción Electrónicos  Ulrtra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7501PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7501PBF_15 Datasheet HTML 1Page - International Rectifier IRF7501PBF_15 Datasheet HTML 2Page - International Rectifier IRF7501PBF_15 Datasheet HTML 3Page - International Rectifier IRF7501PBF_15 Datasheet HTML 4Page - International Rectifier IRF7501PBF_15 Datasheet HTML 5Page - International Rectifier IRF7501PBF_15 Datasheet HTML 6Page - International Rectifier IRF7501PBF_15 Datasheet HTML 7Page - International Rectifier IRF7501PBF_15 Datasheet HTML 8Page - International Rectifier IRF7501PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve extremely low on-resistance per silicon
area. This benefit, combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device for use in a wide variety
of applications.
The new Micro8 package, with half the footprint area of the standard SO-8,
provides the smallest footprint available in an SOIC outline. This makes the
Micro8 an ideal device for applications where printed circuit board space is
at a premium. The low profile (<1.1mm) of the Micro8 will allow it to fit easily
into extremely thin application environments such as portable electronics and
PCMCIA cards.
02/13/12
VDSS =20V
RDS(on) = 0.135Ω
IRF7501PbF
Description
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
2.4
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
1.9
A
IDM
Pulsed Drain Current

19
PD @TA = 25°C
Maximum Power Dissipation
„
1.25
W
PD @TA = 70°C
Maximum Power Dissipation
„
0.8
W
Linear Derating Factor
0.01
W/°C
VGSM
Gate-to-Source Voltage Single Pulse tp<10μs16
V
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt
‚
5.0
V/ns
TJ , TSTG
Operating Junction and Storage Temperature Range
-55 to + 150
°C
Soldering Temperature, for 10 seconds
240 (1.6mm from case)
Absolute Maximum Ratings
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
100
°C/W
Thermal Resistance
Micro8
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
l Generation V Technology
l Ulrtra Low On-Resistance
l Dual N-Channel MOSFET
l Very Small SOIC Package
l Low Profile (<1.1mm)
l Available in Tape & Reel
l Fast Switching
l Lead-Free
All Micro8 Data Sheets reflect improved Thermal Resistance, Power and Current -Handling Ratings- effective
only for product marked with Date Code 505 or later .
PD - 95345A
www.irf.com
1


Número de pieza similar - IRF7501PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7501PBF IRF-IRF7501PBF Datasheet
184Kb / 9P
   Generation V Technology Ulrtra Low On-Resistance
More results

Descripción similar - IRF7501PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7501PBF IRF-IRF7501PBF Datasheet
184Kb / 9P
   Generation V Technology Ulrtra Low On-Resistance
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com