Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1768S-AN Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza 2SA1768S-AN
Descripción Electrónicos  Bipolar Transistor High breakdown voltage, large current capacity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1768S-AN Datasheet(HTML) 4 Page - ON Semiconductor

  2SA1768S-AN Datasheet HTML 1Page - ON Semiconductor 2SA1768S-AN Datasheet HTML 2Page - ON Semiconductor 2SA1768S-AN Datasheet HTML 3Page - ON Semiconductor 2SA1768S-AN Datasheet HTML 4Page - ON Semiconductor 2SA1768S-AN Datasheet HTML 5Page - ON Semiconductor 2SA1768S-AN Datasheet HTML 6Page - ON Semiconductor 2SA1768S-AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IT04552
PC -- Ta
Ambient Temperature, Ta --
°C
IT04551
A S O
Collector-to-Emitter Voltage, VCE -- V
--1.0
--0.1
5
7
3
2
3
2
5
7
3
2
--0.01
5
7
3
--1.0
--10
23
25
37
--100
25
37
ICP= --1.5A
10ms
100ms
DC
operation
1ms
IC= --0.7A
Ta=25
°C
Single Pulse
0
1.2
1.0
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
2SA1768
No.3582-4/7


Número de pieza similar - 2SA1768S-AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
111Kb / 5P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_11 Datasheet
111Kb / 5P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
More results

Descripción similar - 2SA1768S-AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1416 ONSEMI-2SA1416 Datasheet
358Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
ON Semiconductor
15C01SS ONSEMI-15C01SS Datasheet
507Kb / 6P
   Bipolar Transistor 15V, 0.6A, Low VCE(sat) NPN Single SSFP Large current capacity
August, 2013
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
   2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
   4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
   9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com