Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC4027T-E Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza 2SC4027T-E
Descripción Electrónicos  Bipolar Transistor Converters, inverters, color TV audio output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4027T-E Datasheet(HTML) 3 Page - ON Semiconductor

  2SC4027T-E Datasheet HTML 1Page - ON Semiconductor 2SC4027T-E Datasheet HTML 2Page - ON Semiconductor 2SC4027T-E Datasheet HTML 3Page - ON Semiconductor 2SC4027T-E Datasheet HTML 4Page - ON Semiconductor 2SC4027T-E Datasheet HTML 5Page - ON Semiconductor 2SC4027T-E Datasheet HTML 6Page - ON Semiconductor 2SC4027T-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA1552 / 2SC4027
No.2262-3/7
IC -- VCE
IC -- VCE
Collector to Emitter Voltage, VCE -- V
Collector to Emitter Voltage, VCE -- V ITR03970
2SC4027
--1.8
--1.6
--1.4
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--1
--2
--4
--5
--3
ITR03969
2SA1552
IB=0mA
--1mA
--2mA
--10mA
--5mA
--20mA
--40mA
--60mA
--80mA
IB=0mA
1mA
2mA
5mA
10mA
20mA
30mA
40mA
50mA
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
012
45
3
hFE -- IC
hFE -- IC
IC -- VBE
IC -- VBE
Base to Emitter Voltage, VBE -- V
Base to Emitter Voltage, VBE -- V
Collector Current, IC -- A
Collector Current, IC -- A
IC -- VCE
IC -- VCE
Collector to Emitter Voltage, VCE -- V
Collector to Emitter Voltage, VCE -- V ITR03972
2SC4027
ITR03971
2SA1552
IB=0mA
--1.0mA
--1.5mA
--0.5mA
--2.0mA
--2.5mA
--3.0mA
--5.0mA
--4.5mA
--4.0mA
--3.5mA
IB=0mA
0.5mA
1.0mA
1.5mA
2.0mA
2.5mA
3.0mA
4.0mA
4.5mA
3.5mA
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--10
--20
--40
--50
--30
1.0
0.8
0.6
0.4
0.2
0
0
1020
4050
30
Ta=75°C
25°C
--25°C
2SC4027
VCE=5V
ITR03976
100
--0.01
1000
10
7
5
3
2
7
5
3
2
23
5
57
--0.1
72
3
5 7 --1.0
23
2SA1552
VCE= --5V
ITR03975
Ta=75
°C
--25
°C 25°C
2SC4027
VCE=5V
ITR03974
2SA1552
VCE= --5V
--0.4
--0.8
--1.2
--1.6
0
0--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
ITR03973
0.4
0.8
1.2
1.6
0
01.2
1.0
0.8
0.6
0.4
0.2
100
0.01
1000
10
7
5
3
2
7
5
3
2
23
5
7
0.1
72
3
5
7 1.0
23


Número de pieza similar - 2SC4027T-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SC4027T-E ONSEMI-2SC4027T-E Datasheet
419Kb / 10P
   Bipolar Transistor
August, 2013
More results

Descripción similar - 2SC4027T-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2SC2383 UTC-2SC2383_15 Datasheet
65Kb / 3P
   COLOR TV AUDIO OUTPUT COLOR TV VERTICAL OUTPUT
2SC2383 UTC-2SC2383 Datasheet
70Kb / 3P
   COLOR TV AUDIO OUTPUT & COLOR TV VERTICAL OUTPUT
logo
Fairchild Semiconductor
KSC2383 FAIRCHILD-KSC2383 Datasheet
52Kb / 5P
   Color TV Audio Output & Color TV Vertical
KSA1013 FAIRCHILD-KSA1013 Datasheet
55Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383 FAIRCHILD-FJC2383 Datasheet
437Kb / 6P
   Color TV Audio Output & Color TV Vertical Deflection Output
KSA1013YBU FAIRCHILD-KSA1013YBU Datasheet
60Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383YTF FAIRCHILD-FJC2383YTF Datasheet
442Kb / 6P
   NPN Epitaxial Silicon Transistor Color TV Audio Output & Color TV Vertical Deflection Output
logo
Samsung semiconductor
KSA1013 SAMSUNG-KSA1013 Datasheet
102Kb / 3P
   PNP (COLOR TV AUDIO OUTPUT)
logo
KEC(Korea Electronics)
KTC4217 KEC-KTC4217 Datasheet
401Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT AND AUDIO OUTPUT)
logo
Samsung semiconductor
KSC2383 SAMSUNG-KSC2383 Datasheet
104Kb / 3P
   NPN (COLOR TV AUDIO OUTPUT, VERTICAL DEFLECFION OUTPUT)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com