Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMB54D0UV Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza DMB54D0UV
Descripción Electrónicos  N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMB54D0UV Datasheet(HTML) 2 Page - Diodes Incorporated

  DMB54D0UV_15 Datasheet HTML 1Page - Diodes Incorporated DMB54D0UV_15 Datasheet HTML 2Page - Diodes Incorporated DMB54D0UV_15 Datasheet HTML 3Page - Diodes Incorporated DMB54D0UV_15 Datasheet HTML 4Page - Diodes Incorporated DMB54D0UV_15 Datasheet HTML 5Page - Diodes Incorporated DMB54D0UV_15 Datasheet HTML 6Page - Diodes Incorporated DMB54D0UV_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMB54D0UV
Document number: DS31676 Rev. 5 - 2
2 of 7
www.diodes.com
March 2012
© Diodes Incorporated
DMB54D0UV
Maximum Ratings – MOSFET, Q1 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
50
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 4)
Continuous
ID
160
mA
Pulsed Drain Current (Note 4)
IDM
560
mA
Maximum Ratings - PNP Transistor, Q2 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-100
mA
Thermal Characteristics, Total Device @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 4)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 4)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics - MOSFET @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
50
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
10
μA
VDS = 50V, VGS = 0V
Gate-Body Leakage
IGSS
1.0
5.0
μA
VGS = ±8V, VDS = 0V
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.7
0.8
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
3.1
4
Ω
VGS = 4V, ID = 100mA
4
5
VGS = 2.5V, ID = 80mA
Forward Transconductance
gFS
180
mS
VDS = 10V, ID = 100mA,
f = 1.0KHz
DYNAMIC CHARACTERISTICS (Note 6)
Input Capacitance
Ciss
25
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
5
pF
Reverse Transfer Capacitance
Crss
2.1
pF
Notes:
4. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
5. Short duration pulse test used to minimize self-heating effect.
6. Guaranteed by design. Not subject to product testing.


Número de pieza similar - DMB54D0UV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMB54D0UV-7 DIODES-DMB54D0UV-7 Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
More results

Descripción similar - DMB54D0UV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMB54D0UDW DIODES-DMB54D0UDW_15 Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UV DIODES-DMB54D0UV Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UDW DIODES-DMB54D0UDW Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB53D0UDW DIODES-DMB53D0UDW Datasheet
137Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DMB53D0UV DIODES-DMB53D0UV Datasheet
140Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
logo
List of Unclassifed Man...
TN2010T ETC-TN2010T Datasheet
46Kb / 4P
   N-Channel Enhancement-Mode MOSFET Transistor
logo
Cystech Electonics Corp...
MBNP2074G6 CYSTEKEC-MBNP2074G6 Datasheet
322Kb / 10P
   N- Channel Enhancement mode MOSFET AND PNP BJT
logo
Unisonic Technologies
UTT36N05 UTC-UTT36N05_15 Datasheet
214Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Diodes Incorporated
DMPH6050SK3Q DIODES-DMPH6050SK3Q Datasheet
523Kb / 7P
   60V plus 175C P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com