Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMG1012TQ-7 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza DMG1012TQ-7
Descripción Electrónicos  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG1012TQ-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMG1012TQ-7 Datasheet HTML 1Page - Diodes Incorporated DMG1012TQ-7 Datasheet HTML 2Page - Diodes Incorporated DMG1012TQ-7 Datasheet HTML 3Page - Diodes Incorporated DMG1012TQ-7 Datasheet HTML 4Page - Diodes Incorporated DMG1012TQ-7 Datasheet HTML 5Page - Diodes Incorporated DMG1012TQ-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMG1012T
Document number: DS31783 Rev. 3 - 2
5 of 6
www.diodes.com
January 2012
© Diodes Incorporated
DMG1012T
Package Outline Dimensions
Suggested Pad Layout
SOT523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
α
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.8
X
0.4
Y
0.51
C
1.3
E
0.7
A
M
J
L
D
B C
H
K
G
N
X
E
Y
C
Z


Número de pieza similar - DMG1012TQ-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG1012T DIODES-DMG1012T Datasheet
146Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DS31783 Rev. 3 - 2
logo
VBsemi Electronics Co.,...
DMG1012T VBSEMI-DMG1012T Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Diodes Incorporated
DMG1012T-7 DIODES-DMG1012T-7 Datasheet
146Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DS31783 Rev. 3 - 2
More results

Descripción similar - DMG1012TQ-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com