Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMG1013UW Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza DMG1013UW
Descripción Electrónicos  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG1013UW Datasheet(HTML) 4 Page - Diodes Incorporated

  DMG1013UW_15 Datasheet HTML 1Page - Diodes Incorporated DMG1013UW_15 Datasheet HTML 2Page - Diodes Incorporated DMG1013UW_15 Datasheet HTML 3Page - Diodes Incorporated DMG1013UW_15 Datasheet HTML 4Page - Diodes Incorporated DMG1013UW_15 Datasheet HTML 5Page - Diodes Incorporated DMG1013UW_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMG1013UW
Document number: DS31861 Rev. 3 - 2
4 of 6
www.diodes.com
September 2013
© Diodes Incorporated
DMG1013UW
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50 -25
0
25
50
75
100 125 150
T , AMBIENT TEMPERATURE (°C)
A
0
0.4
0.8
1.2
1.6
I = -1mA
D
I = -250µA
D
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 8 Diode Forward Voltage vs. Current
-V , SOURCE-DRAIN VOLTAGE (V)
SD
0
2
4
6
8
10
T = 25°C
A
1
10
100
0
5
10
15
20
Fig. 9 Typical Total Capacitance
-V , DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
Crss
Coss
f = 1MHz
04
8
12
16
20
Fig. 10 Typical Leakage Current vs. Drain-Source Voltage
-V , DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.00001
0.001
0.01
0.1
1
10
100
1,000
Fig. 11 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.0001
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
R
(t) = r(t) *
JA
R
R
= 504°C/W
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5


Número de pieza similar - DMG1013UW_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG1013UW-7 DIODES-DMG1013UW-7 Datasheet
139Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
DMG1013UW-7 VBSEMI-DMG1013UW-7 Datasheet
1,022Kb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Diodes Incorporated
DMG1013UWQ DIODES-DMG1013UWQ Datasheet
326Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1013UWQ-13 DIODES-DMG1013UWQ-13 Datasheet
326Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1013UWQ-7 DIODES-DMG1013UWQ-7 Datasheet
326Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMG1013UW_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com