Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMG1016UDW Datasheet(PDF) 7 Page - Diodes Incorporated

No. de pieza DMG1016UDW
Descripción Electrónicos  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG1016UDW Datasheet(HTML) 7 Page - Diodes Incorporated

  DMG1016UDW_15 Datasheet HTML 1Page - Diodes Incorporated DMG1016UDW_15 Datasheet HTML 2Page - Diodes Incorporated DMG1016UDW_15 Datasheet HTML 3Page - Diodes Incorporated DMG1016UDW_15 Datasheet HTML 4Page - Diodes Incorporated DMG1016UDW_15 Datasheet HTML 5Page - Diodes Incorporated DMG1016UDW_15 Datasheet HTML 6Page - Diodes Incorporated DMG1016UDW_15 Datasheet HTML 7Page - Diodes Incorporated DMG1016UDW_15 Datasheet HTML 8Page - Diodes Incorporated DMG1016UDW_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DMG1016UDW
Document number: DS31860 Rev. 6 - 2
7 of 9
www.diodes.com
January 2014
© Diodes Incorporated
DMG1016UDW
P-CHANNEL – Q2 (cont.)
0
0.4
0.8
1.2
1.6
Fig. 18 Gate Threshold Variation vs. Ambient Temperature
-50 -25
0
25
50
75
100 125 150
T , AMBIENT TEMPERATURE (°C)
A
I = -250µA
D
I = -1mA
D
0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 19 Diode Forward Voltage vs. Current
-V , SOURCE-DRAIN VOLTAGE (V)
SD
T = 25°C
A
1
10
100
0
5
10
15
20
Fig. 20 Typical Total Capacitance
-V , DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
Crss
Coss
04
8
12
16
20
Fig. 21 Typical Leakage Current
vs. Drain-Source Voltage
-V , DRAIN-SOURCE VOLTAGE (V)
DS
10
100
1,000
1
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.00001
0.001
0.01
0.1
1
10
100
1,000
Fig. 22 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.0001
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 260°C/W
θ
θ
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5


Número de pieza similar - DMG1016UDW_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG1016UDW-7 DIODES-DMG1016UDW-7 Datasheet
212Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMG1016UDW_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com