Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMG4800LFG Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza DMG4800LFG
Descripción Electrónicos  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG4800LFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG4800LFG_15 Datasheet HTML 1Page - Diodes Incorporated DMG4800LFG_15 Datasheet HTML 2Page - Diodes Incorporated DMG4800LFG_15 Datasheet HTML 3Page - Diodes Incorporated DMG4800LFG_15 Datasheet HTML 4Page - Diodes Incorporated DMG4800LFG_15 Datasheet HTML 5Page - Diodes Incorporated DMG4800LFG_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG4800LFG
Document number: DS31785 Rev. 3 - 2
2 of 6
www.diodes.com
November 2009
© Diodes Incorporated
DMG4800LFG
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
1.0
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.8
-
1.5
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
11
15
17
24
m
VGS = 10V, ID = 9A
VGS = 4.5V, ID = 7A
Forward Transfer Admittance
|Yfs|
-
8
-
S
VDS = 10V, ID = 9A
Diode Forward Voltage
VSD
-
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 6)
Input Capacitance
Ciss
-
798
-
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
128
-
pF
Reverse Transfer Capacitance
Crss
-
122
-
pF
Gate Resistance
Rg
-
1.37
-
Ω
VDS =0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
9.47
-
nC
VGS = 5V, VDS = 15V,
ID = 9A
Gate-Source Charge
Qgs
-
1.87
-
nC
Gate-Drain Charge
Qgd
-
5.60
-
nC
Turn-On Delay Time
tD(on)
-
5.03
-
ns
VDD = 15V, VGEN = 10V,
RL = 15Ω, RG = 6Ω, ID = 1A
Turn-On Rise Time
tr
-
4.50
-
ns
Turn-Off Delay Time
tD(off)
-
26.33
-
ns
Turn-Off Fall Time
tf
-
8.55
-
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Guaranteed by design. Not subject to product testing.
0
0.5
1
1.5
2
0
5
10
15
20
30
25
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 2.0V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 2.5V
GS
0
5
10
15
20
25
30
1
1.5
2
2.5
3
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
DS


Número de pieza similar - DMG4800LFG_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG4800LFG-7 DIODES-DMG4800LFG-7 Datasheet
166Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMG4800LFG_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com