Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7799L2PBF Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRF7799L2PBF
Descripción Electrónicos  Optimized for Synchronous Rectification
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7799L2PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF7799L2PBF_15 Datasheet HTML 2Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 3Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 4Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 5Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 6Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 7Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 8Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 9Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 24, 2014
IRF7799L2PbF
Fig 17.
Diode Reverse Recovery Test Circuit for N-Channel HEXFET® Power MOSFETs
Fig 15. Typical Avalanche Current Vs.Pulsewidth
Fig 16. Maximum Avalanche Energy Vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 13, 14:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 16a, 16b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
ΔT = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2
DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·ta
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
Inductor Current
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
• di/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
D.U.T

1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
ΔΤj = 25°C and
Tstart = 150°C.
0.01
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
ΔTj = 150°C and
Tstart =25°C (Single Pulse)
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
350
TOP
Single Pulse
BOTTOM 1.0% Duty Cycle
ID = 21A


Número de pieza similar - IRF7799L2PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7799L2PBF IRF-IRF7799L2PBF Datasheet
268Kb / 11P
   RoHS Compliant, Halogen Free
More results

Descripción similar - IRF7799L2PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7759L2PBF IRF-IRF7759L2PBF_15 Datasheet
274Kb / 11P
   Optimized for Synchronous Rectification
IRF7769L1PBF IRF-IRF7769L1PBF_15 Datasheet
267Kb / 10P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
BSZ025N04LS INFINEON-BSZ025N04LS Datasheet
1Mb / 12P
   Optimized for synchronous rectification
Rev.2.1,2014-06-27
logo
International Rectifier
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
   Optimized for Synchronous Rectification
IRF6674PBF IRF-IRF6674PBF_15 Datasheet
255Kb / 9P
   Optimized for Synchronous Rectification
IRF7748L1PBF IRF-IRF7748L1PBF_15 Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
IRF7779L2PBF IRF-IRF7779L2PBF_15 Datasheet
266Kb / 11P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
IPD025N06NATMA1 INFINEON-IPD025N06NATMA1 Datasheet
621Kb / 9P
   Optimized for synchronous rectification
Rev.2.3 2012-12-20
logo
International Rectifier
IRF7739L1PBF IRF-IRF7739L1PBF_15 Datasheet
278Kb / 10P
   Optimized for Synchronous Rectification
IRF6644PBF IRF-IRF6644PBF_15 Datasheet
261Kb / 10P
   Optimized for Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com