Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7809AVPBF-1 Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRF7809AVPBF-1
Descripción Electrónicos  Industry-standard pinout SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7809AVPBF-1 Datasheet(HTML) 3 Page - International Rectifier

  IRF7809AVPBF-1_15 Datasheet HTML 1Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 7Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 23, 2014
IRF7809AVPbF-1
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
10
100
1000
0.1
1
10
100
20μs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
2.5V
V
, Drain-to-Source Voltage (V)
DS
2.5V
10
100
1000
0.1
1
10
100
20μs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
2.5V
V
, Drain-to-Source Voltage (V)
DS
2.5V
10
100
1000
2.4
2.6
2.8
3.0
3.2
3.4
V
= 15V
20μs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
15A


Número de pieza similar - IRF7809AVPBF-1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7809AVPBF IRF-IRF7809AVPBF Datasheet
593Kb / 8P
   N-Channel Application-Specific MOSFETs
IRF7809AVPBF IRF-IRF7809AVPBF Datasheet
599Kb / 8P
   N-Channel Application-Specific MOSFETs
IRF7809AVPBF IRF-IRF7809AVPBF_15 Datasheet
599Kb / 8P
   N-Channel Application-Specific MOSFETs
More results

Descripción similar - IRF7809AVPBF-1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com