Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7815PBF Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRF7815PBF
Descripción Electrónicos  Synchronous MOSFET for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7815PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7815PBF Datasheet HTML 1Page - International Rectifier IRF7815PBF Datasheet HTML 2Page - International Rectifier IRF7815PBF Datasheet HTML 3Page - International Rectifier IRF7815PBF Datasheet HTML 4Page - International Rectifier IRF7815PBF Datasheet HTML 5Page - International Rectifier IRF7815PBF Datasheet HTML 6Page - International Rectifier IRF7815PBF Datasheet HTML 7Page - International Rectifier IRF7815PBF Datasheet HTML 8Page - International Rectifier IRF7815PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF7815PbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
5.0V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
5.5V
BOTTOM
5.0V
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VDS = 50V
≤60µs PULSE WIDTH
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
5.5V
BOTTOM
5.0V
≤60µs PULSE WIDTH Tj = 25°C
5.0V
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 5.1A
VGS = 10V


Número de pieza similar - IRF7815PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7815PBF IRF-IRF7815PBF Datasheet
266Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results

Descripción similar - IRF7815PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717TRPBF IRF-IRF3717TRPBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com