Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7907PBF-1 Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRF7907PBF-1
Descripción Electrónicos  Industry-standard pinout SO-8 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7907PBF-1 Datasheet(HTML) 3 Page - International Rectifier

  IRF7907PBF-1 Datasheet HTML 1Page - International Rectifier IRF7907PBF-1 Datasheet HTML 2Page - International Rectifier IRF7907PBF-1 Datasheet HTML 3Page - International Rectifier IRF7907PBF-1 Datasheet HTML 4Page - International Rectifier IRF7907PBF-1 Datasheet HTML 5Page - International Rectifier IRF7907PBF-1 Datasheet HTML 6Page - International Rectifier IRF7907PBF-1 Datasheet HTML 7Page - International Rectifier IRF7907PBF-1 Datasheet HTML 8Page - International Rectifier IRF7907PBF-1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
October 16, 2014
IRF7907TRPbF-1
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 3. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 5. Typical Transfer Characteristics
Fig 6. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
≤ 60μs PULSE WIDTH
Tj = 25°C
2.3V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
≤ 60μs PULSE WIDTH
Tj = 150°C
2.3V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
1.0
2.0
3.0
4.0
5.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
VDS = 15V
≤ 60μs PULSE WIDTH
TJ = 25°C
TJ = 150°C
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
≤ 60μs PULSE WIDTH
Tj = 25°C
2.3V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
≤ 60μs PULSE WIDTH
Tj = 150°C
2.3V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
1.0
2.0
3.0
4.0
5.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
VDS = 15V
≤ 60μs PULSE WIDTH
TJ = 25°C
TJ = 150°C


Número de pieza similar - IRF7907PBF-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7907PBF IRF-IRF7907PBF Datasheet
294Kb / 10P
   HEXFETR Power MOSFET
IRF7907PBF IRF-IRF7907PBF Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF Datasheet
325Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF_15 Datasheet
325Kb / 10P
   Improved Body Diode Reverse Recovery
More results

Descripción similar - IRF7907PBF-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com