Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF9317PBF Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRF9317PBF
Descripción Electrónicos  Industry-Standard SO8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF9317PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF9317PBF Datasheet HTML 1Page - International Rectifier IRF9317PBF Datasheet HTML 2Page - International Rectifier IRF9317PBF Datasheet HTML 3Page - International Rectifier IRF9317PBF Datasheet HTML 4Page - International Rectifier IRF9317PBF Datasheet HTML 5Page - International Rectifier IRF9317PBF Datasheet HTML 6Page - International Rectifier IRF9317PBF Datasheet HTML 7Page - International Rectifier IRF9317PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF9317PbF
6
www.irf.com
Fig 18a. Gate Charge Test Circuit
Fig 18b. Gate Charge Waveform
Fig 19b. Unclamped Inductive Waveforms
Fig 19a. Unclamped Inductive Test Circuit
Fig 20b. Switching Time Waveforms
Fig 20a. Switching Time Test Circuit
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
1K
VCC
DUT
0
L
S
D
G
20K
S
D
G
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
-VGS
VDS
-VGS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
tp
V(BR)DSS
IAS
VDS
90%
10%
VGS
td(on)
tr
td(off)
tf


Número de pieza similar - IRF9317PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results

Descripción similar - IRF9317PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9392PBF IRF-IRF9392PBF_15 Datasheet
288Kb / 8P
   Industry-Standard SO8 Package
IRF9388PBF IRF-IRF9388PBF_15 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
IRF9333PBF IRF-IRF9333PBF_15 Datasheet
318Kb / 8P
   Industry-Standard SO8 Package
IRF9393PBF IRF-IRF9393PBF_15 Datasheet
262Kb / 8P
   Industry-Standard SO8 Package
logo
Infineon Technologies A...
IRF9388 INFINEON-IRF9388 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
6/4/10
logo
International Rectifier
IRF9328PBF IRF-IRF9328PBF_15 Datasheet
320Kb / 8P
   Industry-Standard SO8 Package
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com