Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJ15015G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MJ15015G
Descripción Electrónicos  Complementary Silicon High-Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15015G Datasheet(HTML) 3 Page - ON Semiconductor

  MJ15015G Datasheet HTML 1Page - ON Semiconductor MJ15015G Datasheet HTML 2Page - ON Semiconductor MJ15015G Datasheet HTML 3Page - ON Semiconductor MJ15015G Datasheet HTML 4Page - ON Semiconductor MJ15015G Datasheet HTML 5Page - ON Semiconductor MJ15015G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N3055AG (NPN), MJ15015G (NPN), MJ15016G (PNP)
http://onsemi.com
3
200
0
0
25
50
75
100
125
150
175
200
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
MJ15015
MJ15016
150
100
50
2N3055A
Figure 2. DC Current Gain
200
0.2
IC, COLLECTOR CURRENT (AMP)
2
0.3 0.5 0.7
1
2
3
5
7
15
70
30
10
5
100
50
TJ = 150°C
25
°C
-55
°C
VCE = 4.0 V
20
7
3
10
Figure 3. Collector Saturation Region
2.8
0.005
IB, BASE CURRENT (AMP)
0
0.01 0.02
0.05
0.1
0.2
0.5
1
2
5
2
1.6
0.8
0.4
IC = 1 A
TJ = 25°C
4 A
2.4
1.2
8 A
3.5
0.2
IC, COLLECTOR CURRENT (AMP)
0.3
0.5 0.7
1
2
3
5
7
20
2.5
1.5
1
0.5
0
TC = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 4. “On” Voltages
3
2
10
VBE(on) @ VCE = 4 V
10
0.1
IC, COLLECTOR CURRENT (AMPS)
0.2
0.3
0.5
1.0
2.0
5.0
2.0
1.0
MJ15016
Figure 5. Current−Gain − Bandwidth Product
2N3055A
MJ15015


Número de pieza similar - MJ15015G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJ15015G ONSEMI-MJ15015G Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
More results

Descripción similar - MJ15015G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
   Complementary Silicon High Power Transistors
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
STMicroelectronics
2N5884 STMICROELECTRONICS-2N5884 Datasheet
68Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5879 BOCA-2N5879 Datasheet
186Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
ON Semiconductor
TIP35A ONSEMI-TIP35A_12 Datasheet
137Kb / 8P
   Complementary Silicon High-Power Transistors
May, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com