Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFB4710PBF Datasheet(PDF) 8 Page - International Rectifier

No. de pieza IRFB4710PBF
Descripción Electrónicos  High frequency DC-DC converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFB4710PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFB4710PBF Datasheet HTML 4Page - International Rectifier IRFB4710PBF Datasheet HTML 5Page - International Rectifier IRFB4710PBF Datasheet HTML 6Page - International Rectifier IRFB4710PBF Datasheet HTML 7Page - International Rectifier IRFB4710PBF Datasheet HTML 8Page - International Rectifier IRFB4710PBF Datasheet HTML 9Page - International Rectifier IRFB4710PBF Datasheet HTML 10Page - International Rectifier IRFB4710PBF Datasheet HTML 11Page - International Rectifier IRFB4710PBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IRFB/IRFS/IRFL4710PbF
8
www.irf.com
LEAD ASSIG N M E NTS
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
- B -
1 .3 2 (.052)
1 .2 2 (.048)
3X
0.55 (.022)
0.46 (.018)
2.92 (.11 5)
2.64 (.10 4)
4.69 (.1 85)
4.20 (.1 65)
3X
0 .93 (.03 7)
0 .69 (.02 7)
4.06 (.160)
3.55 (.140)
1.15 (.04 5)
M IN
6.47 (.2 55)
6.10 (.2 40)
3.7 8 (.14 9)
3.5 4 (.13 9)
- A -
10.5 4 (.415 )
10.2 9 (.405 )
2.87 (.1 13 )
2.62 (.1 03 )
15.24 (.600 )
14.84 (.584 )
14 .09 (.5 55)
13 .47 (.5 30)
3X
1 .40 (.05 5)
1 .15 (.04 5)
2.54 (.1 00)
2X
0.3 6 (.01 4)
M
B A M
4
1
2
3
NO TE S :
1 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 14 .5M , 19 82.
3 O U TLIN E C O N F O R M S TO JE D E C O U T LIN E TO -220 A B .
2 C O N T R O L LIN G D IM E N S IO N : IN C H
4 H E A T S IN K & LE A D M E A S U R E M E N TS D O NO T INCLU D E BURR S.
HEXFET
1- GATE
2- DRAIN
3- SOURCE
4- DRAIN
LEAD ASSIGNMENTS
IGBTs, CoPACK
1- GATE
2- COLLECTOR
3- EMITTER
4- COLLECTOR
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
TO-220AB Part Marking Information
EXAMPLE:
IN T HE AS S E MBLY LINE "C"
T HIS IS AN IRF1010
LOT CODE 1789
AS S E MBLE D ON WW 19, 1997
PART NUMBER
AS S E MBLY
LOT CODE
DAT E CODE
YE AR 7 = 1997
LINE C
WEE K 19
LOGO
RE CTIFIER
INT E RNAT IONAL
Note: "P" in assembly line
position indicates "Lead-Free"


Número de pieza similar - IRFB4710PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFB4710PBF IRF-IRFB4710PBF Datasheet
667Kb / 12P
   HEXFET짰 Power MOSFET
More results

Descripción similar - IRFB4710PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com