Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFB7746PBF Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRFB7746PBF
Descripción Electrónicos  Brushed motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFB7746PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFB7746PBF_15 Datasheet HTML 1Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 2Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 3Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 4Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 5Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 6Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 7Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 8Page - International Rectifier IRFB7746PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 
IRFB7746PbF
3
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 7, 2014
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
gfs
Forward Transconductance
132
–––
–––
S VDS = 10V, ID = 35A
Qg
Total Gate Charge
–––
55
83
ID = 35A
Qgs
Gate-to-Source Charge
–––
12
–––
VDS = 38V
Qgd
Gate-to-Drain Charge
–––
16
–––
VGS = 10V
Qsync
Total Gate Charge Sync. (Qg – Qgd)
–––
39
–––
td(on)
Turn-On Delay Time
–––
9.9
–––
ns
VDD = 38V
tr
Rise Time
–––
36
–––
ID = 35A
td(off)
Turn-Off Delay Time
–––
33
–––
RG= 2.7
tf
Fall Time
–––
30
–––
VGS = 10V 
Ciss
Input Capacitance
–––
3049
–––
pF  
VGS = 0V
Coss
Output Capacitance
–––
255
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
150
–––
ƒ = 1.0MHz, See Fig. 7
Coss eff.(ER)
Effective Output Capacitance
(Energy Related)
–––
236
–––
VGS = 0V, VDS = 0V to 60V
Coss eff.(TR)
Effective Output Capacitance
(Time Related)
–––
300
–––
VGS = 0V, VDS = 0V to 60V
Diode Characteristics  
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
IS
Continuous Source Current
–––
–––
59
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
219
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V TJ = 25°C,IS = 35A,VGS = 0V 
dv/dt
Peak Diode Recovery dv/dt
–––
8.0
–––
V/ns TJ = 175°C,IS = 35A,VDS = 75V
trr
Reverse Recovery Time
–––
28
–––
ns
TJ = 25°C
VDD = 64V
–––
33
–––
TJ = 125°C
IF = 35A,
Qrr
Reverse Recovery Charge
–––
30
–––
nC
TJ = 25°C
di/dt = 100A/µs 
–––
42
–––
TJ = 125°C
 
IRRM
Reverse Recovery Current
–––
1.8
–––
A TJ = 25°C
nC  
D
S
G


Número de pieza similar - IRFB7746PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
IRFB7746 ISC-IRFB7746 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Descripción similar - IRFB7746PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com