Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC503MHR1-15Q Datasheet(PDF) 1 Page - Marktech Corporate

No. de pieza LC503MHR1-15Q
Descripción Electrónicos  Red 15 5mm LED lamp with water transparent lens
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKTECH [Marktech Corporate]
Página de inicio  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC503MHR1-15Q Datasheet(HTML) 1 Page - Marktech Corporate

  LC503MHR1-15Q Datasheet HTML 1Page - Marktech Corporate LC503MHR1-15Q Datasheet HTML 2Page - Marktech Corporate LC503MHR1-15Q Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LC503MHR1-15Q
Delivery Information Contact:
Marktech Optoelectronics*
120 Broadway, Menands, NY 12204
Phone: 800.984.5337 FAX: 518.432.7454
Web Site: www.marktechopto.com
*Marktech is the exclusive North American Technical Sales and Marketing office for COTCO LED products
1/3
COTCO LUMINANT DEVICE (HUIZHOU) LTD
Part #: LC503MHR1-15Q
Product Description: Red 15º 5mm LED lamp with water transparent lens
Resin: Epoxy
Lens Color: Water Transparent
Lead Frame: Ag Plating Iron Alloy
Dice: AlGaInP
DIMENSION DRAWING
COTCO-D-074 REV.0


Número de pieza similar - LC503MHR1-15Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
LC503MHR1-06Q MARKTECH-LC503MHR1-06Q Datasheet
59Kb / 3P
   Red 6 5mm LED lamp with water transparent lens
LC503MHR1-30Q MARKTECH-LC503MHR1-30Q Datasheet
60Kb / 3P
   Red 30 5mm LED lamp with water transparent lens
More results

Descripción similar - LC503MHR1-15Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
LC512MHR1-25Q MARKTECH-LC512MHR1-25Q Datasheet
60Kb / 3P
   Red 25 5mm LED lamp with water transparent lens.
LC503MHR1-06Q MARKTECH-LC503MHR1-06Q Datasheet
59Kb / 3P
   Red 6 5mm LED lamp with water transparent lens
LC503MHR1-30Q MARKTECH-LC503MHR1-30Q Datasheet
60Kb / 3P
   Red 30 5mm LED lamp with water transparent lens
LC503MYL1-15Q MARKTECH-LC503MYL1-15Q Datasheet
66Kb / 3P
   Yellow 15 5mm LED lamp with water transparent lens
LC503NBL1-15Q MARKTECH-LC503NBL1-15Q Datasheet
61Kb / 3P
   Blue 15 5mm LED lamp with water transparent lens
LC503NPG1-15Q MARKTECH-LC503NPG1-15Q Datasheet
56Kb / 3P
   Green 15 5mm LED lamp with water transparent lens
LC503MBG1-15Q MARKTECH-LC503MBG1-15Q Datasheet
61Kb / 3P
   Blue-Green 15 5mm LED lamp with water transparent lens
LC503NBG1-15Q MARKTECH-LC503NBG1-15Q Datasheet
83Kb / 3P
   Blue Green 15 5mm LED lamp with water transparent lens
LC512NBL1-25Q MARKTECH-LC512NBL1-25Q Datasheet
60Kb / 4P
   Blue 25 5mm LED lamp with water transparent lens.
LC503MBL1-06Q MARKTECH-LC503MBL1-06Q Datasheet
59Kb / 3P
   Blue 6 5mm LED lamp with water transparent lens
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com