Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFH3707PBF-1 Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRFH3707PBF-1
Descripción Electrónicos  Synchronous Buck Converter for Computer Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFH3707PBF-1 Datasheet(HTML) 1 Page - International Rectifier

  IRFH3707PBF-1 Datasheet HTML 1Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 2Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 3Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 4Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 5Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 6Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 7Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 8Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
Notes
 through † are on page 10
3mm x 3mm PQFN
D
D
D
D
S
G
S
S
Applications
l Synchronous Buck Converter for Computer Processor Power
l Isolated DC to DC Converters for Network and Telecom
l Buck Converters for Set-Top Boxes
l System/load switch
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @TA = 70°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
f
–––
7.5
RθJA
Junction-to-Ambient
gh
–––
45
°C/W
RθJA
Junction-to-Ambient (t<10s)
h
–––
31
-55 to + 150
2.8
0.02
1.8
Max.
12
29
96
± 20
30
9.4
18
V
W
A
°C
IRFH3707PbF-1
Form
Quantity
IRFH3707PbF-1
PQFN 3mm x 3mm
Tape and Reel
4000
IRFH3707TRPbF-1
Package Type
Standard Pack
Orderable Part
Number
Base Part Number
Features
Benefits
Industry-standard pinout PQFN 3mm x 3mm Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
VDS
30
V
RDS(on) max
(@VGS = 10V)
12.4
Qg (typical)
5.4
nC
ID
(@TA = 25°C)
12
A
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 6, 2014


Número de pieza similar - IRFH3707PBF-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH3707PBF IRF-IRFH3707PBF Datasheet
210Kb / 10P
   HEXFET Power MOSFET
IRFH3707PBF IRF-IRFH3707PBF Datasheet
311Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_15 Datasheet
311Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
More results

Descripción similar - IRFH3707PBF-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH3702PBF IRF-IRFH3702PBF_15 Datasheet
280Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
IRFH3707PBF IRF-IRFH3707PBF_15 Datasheet
311Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRFR3709ZCTRPBF IRF-IRFR3709ZCTRPBF Datasheet
302Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZPBF IRF-IRF3704ZPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3707ZCPBF KERSEMI-IRFR3707ZCPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3711ZCPBF KERSEMI-IRFU3711ZCPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709Z KERSEMI-IRFR3709Z Datasheet
1Mb / 9P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707Z KERSEMI-IRFU3707Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRFR3704ZTRPBF IRF-IRFR3704ZTRPBF Datasheet
272Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com