Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFH4255DPBF Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRFH4255DPBF
Descripción Electrónicos  Control and Synchronous MOSFETs for synchronous buck converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFH4255DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH4255DPBF_15 Datasheet HTML 1Page - International Rectifier IRFH4255DPBF_15 Datasheet HTML 2Page - International Rectifier IRFH4255DPBF_15 Datasheet HTML 3Page - International Rectifier IRFH4255DPBF_15 Datasheet HTML 4Page - International Rectifier IRFH4255DPBF_15 Datasheet HTML 5Page - International Rectifier IRFH4255DPBF_15 Datasheet HTML 6Page - International Rectifier IRFH4255DPBF_15 Datasheet HTML 7Page - International Rectifier IRFH4255DPBF_15 Datasheet HTML 8Page - International Rectifier IRFH4255DPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 
IRFH4255DPbF
5
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
April 14, 2014
 
IRFH4255DPbF
Q1 - Control FET
Q2 - Synchronous FET
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
5
10
15
20
25
30
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
ID= 30A
Fig 7. Typical Capacitance vs. Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
Fig 9. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 10. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 11. Maximum Safe Operating Area
Fig 12. Maximum Safe Operating Area
0
102030
40
5060
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
ID= 30A
Fig 8. Typical Capacitance vs. Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC
Limited by package
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA LIMITED BY R DS(on)
100µsec
DC
Limited by Package


Número de pieza similar - IRFH4255DPBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH4251DPBF IRF-IRFH4251DPBF Datasheet
327Kb / 13P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4251DPBF IRF-IRFH4251DPBF Datasheet
557Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4251DPBF IRF-IRFH4251DPBF_15 Datasheet
557Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4253DPBF IRF-IRFH4253DPBF Datasheet
331Kb / 12P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4253DPBF IRF-IRFH4253DPBF Datasheet
594Kb / 13P
   Control and synchronous MOSFETs in one package
More results

Descripción similar - IRFH4255DPBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH4253DPBF IRF-IRFH4253DPBF Datasheet
331Kb / 12P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4251DPBF IRF-IRFH4251DPBF Datasheet
327Kb / 13P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
   Synchronous MOSFET for Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
   Synchronous MOSFET for Buck Converters
IRFH5302PBF IRF-IRFH5302PBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for buck converters
logo
Texas Instruments
TPS544B20 TI1-TPS544B20_16 Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com