Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFH4255DPBF Datasheet(PDF) 7 Page - International Rectifier

No. de pieza IRFH4255DPBF
Descripción Electrónicos  Control and Synchronous MOSFETs for synchronous buck converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFH4255DPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFH4255DPBF Datasheet HTML 3Page - International Rectifier IRFH4255DPBF Datasheet HTML 4Page - International Rectifier IRFH4255DPBF Datasheet HTML 5Page - International Rectifier IRFH4255DPBF Datasheet HTML 6Page - International Rectifier IRFH4255DPBF Datasheet HTML 7Page - International Rectifier IRFH4255DPBF Datasheet HTML 8Page - International Rectifier IRFH4255DPBF Datasheet HTML 9Page - International Rectifier IRFH4255DPBF Datasheet HTML 10Page - International Rectifier IRFH4255DPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 
IRFH4255DPbF
7
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
April 14, 2014
7
www.irf.com
© 2013 International Rectifier
July 31, 2013
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 35µA
Fig 19. Maximum Drain Current vs. Case Temperature
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
ID
TOP
7.7A
12A
BOTTOM 30A
Fig 21. Threshold Voltage vs. Temperature
Fig 20. Maximum Drain Current vs. Case Temperature
Fig 23. Maximum Avalanche Energy vs. Drain Current
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
200
400
600
800
1000
1200
1400
1600
ID
TOP
7.9A
16A
BOTTOM 60A
Fig 22. Threshold Voltage vs. Temperature
Fig 24. Maximum Avalanche Energy vs. Drain Current
Q1 - Control FET
Q2 - Synchronous FET
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
2.5
ID = 1.0mA
25
50
75
100
125
150
TC , Case Temperature (°C)
0
20
40
60
80
100
120
Limited By Package
25
50
75
100
125
150
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
Limited By Package


Número de pieza similar - IRFH4255DPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH4251DPBF IRF-IRFH4251DPBF Datasheet
327Kb / 13P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4251DPBF IRF-IRFH4251DPBF Datasheet
557Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4251DPBF IRF-IRFH4251DPBF_15 Datasheet
557Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4253DPBF IRF-IRFH4253DPBF Datasheet
331Kb / 12P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4253DPBF IRF-IRFH4253DPBF Datasheet
594Kb / 13P
   Control and synchronous MOSFETs in one package
More results

Descripción similar - IRFH4255DPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH4253DPBF IRF-IRFH4253DPBF Datasheet
331Kb / 12P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4251DPBF IRF-IRFH4251DPBF Datasheet
327Kb / 13P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
   Synchronous MOSFET for Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
   Synchronous MOSFET for Buck Converters
IRFH5302PBF IRF-IRFH5302PBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for buck converters
logo
Texas Instruments
TPS544B20 TI1-TPS544B20_16 Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com