Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFH5025PBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRFH5025PBF
Descripción Electrónicos  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFH5025PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFH5025PBF_15 Datasheet HTML 1Page - International Rectifier IRFH5025PBF_15 Datasheet HTML 2Page - International Rectifier IRFH5025PBF_15 Datasheet HTML 3Page - International Rectifier IRFH5025PBF_15 Datasheet HTML 4Page - International Rectifier IRFH5025PBF_15 Datasheet HTML 5Page - International Rectifier IRFH5025PBF_15 Datasheet HTML 6Page - International Rectifier IRFH5025PBF_15 Datasheet HTML 7Page - International Rectifier IRFH5025PBF_15 Datasheet HTML 8Page - International Rectifier IRFH5025PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 19, 2015
IRFH5025PbF
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
250
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.31
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
84
100
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-13
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
13
–––
–––
S
Qg
Total Gate Charge
–––
37
56
Qgs1
Pre-Vth Gate-to-Source Charge
–––
8.3
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.9
–––
Qgd
Gate-to-Drain Charge
–––
13
–––
Qgodr
Gate Charge Overdrive
–––
14
–––
See Fig.17 & 18
Qsw
Switch Charge (Qgs2 + Qgd)
–––
15
–––
Qoss
Output Charge
–––
11
–––
nC
RG
Gate Resistance
–––
1.6
–––
Ω
td(on)
Turn-On Delay Time
–––
9.0
–––
tr
Rise Time
–––
6.3
–––
td(off)
Turn-Off Delay Time
–––
17
–––
tf
Fall Time
–––
6.1
–––
Ciss
Input Capacitance
–––
2150
–––
Coss
Output Capacitance
–––
150
–––
Crss
Reverse Transfer Capacitance
–––
40
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
55
83
ns
Qrr
Reverse Recovery Charge
–––
510
770
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
VDS = VGS, ID = 150μA
A
5.7
–––
–––
46
–––
–––
nA
ns
–––
Typ.
–––
RG=1.8Ω
pF
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 5.7A e
Conditions
See Fig.15
Max.
320
5.7
ƒ = 1.0MHz
di/dt = 500A/μs
TJ = 25°C, IS = 5.7A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VDS = 250V, VGS = 0V
nC
VGS = 10V
TJ = 25°C, IF = 5.7A, VDD = 125V
MOSFET symbol
VDS = 16V, VGS = 0V
VDD = 125V, VGS = 10V
ID = 5.7A
VGS = 0V
VDS = 50V
VDS = 50V, ID = 5.7A
VDS = 250V, VGS = 0V, TJ = 125°C
ID = 5.7A
VGS = 20V
VGS = -20V
VDS = 125V
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case
0.5
0.8
RθJC (Top)
Junction-to-Case f
–––
15
°C/W
RθJA
Junction-to-Ambient g
–––
35
RθJA (<10s)
Junction-to-Ambient g
–––
22


Número de pieza similar - IRFH5025PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH5025PBF IRF-IRFH5025PBF Datasheet
229Kb / 8P
   Secondary Side Synchronous Rectification
More results

Descripción similar - IRFH5025PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com