Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFH5304PBF Datasheet(PDF) 8 Page - International Rectifier

No. de pieza IRFH5304PBF
Descripción Electrónicos  Control MOSFET for buck converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFH5304PBF Datasheet(HTML) 8 Page - International Rectifier

  IRFH5304PBF Datasheet HTML 1Page - International Rectifier IRFH5304PBF Datasheet HTML 2Page - International Rectifier IRFH5304PBF Datasheet HTML 3Page - International Rectifier IRFH5304PBF Datasheet HTML 4Page - International Rectifier IRFH5304PBF Datasheet HTML 5Page - International Rectifier IRFH5304PBF Datasheet HTML 6Page - International Rectifier IRFH5304PBF Datasheet HTML 7Page - International Rectifier IRFH5304PBF Datasheet HTML 8Page - International Rectifier IRFH5304PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
March 19, 2015
IRFH5304PbF
PQFN Tape and Reel
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
Bo
W
P 1
Ao
Ko
CODE
TAPE DIMENSIONS
REEL DIMENSIONS
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Dimension design to accommodate the component width
Dimension design to accommodate the component lenght
Dimension design to accommodate the component thickness
Pitch between successive cavity centers
Overall width of the carrier tape
DESCRIPTION
Type
Package
5 X 6 PQFN
Note: All dimension are nominal
Diameter
Reel
QTY
Width
Reel
(mm)
Ao
(mm)
Bo
(mm)
Ko
(mm)
P1
(mm)
W
Quadrant
Pin 1
(Inch)
W1
(mm)
13
4000
12.4
6.300
5.300
1.20
8.00
12
Q1


Número de pieza similar - IRFH5304PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH5304PBF IRF-IRFH5304PBF Datasheet
349Kb / 8P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH5304PBF INFINEON-IRFH5304PBF Datasheet
1,008Kb / 10P
   Control MOSFET for Buck Converters
Rev. 2.4, 2021-03-19
More results

Descripción similar - IRFH5304PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFHM831TRPBF IRF-IRFHM831TRPBF Datasheet
262Kb / 8P
   Control MOSFET for Buck Converters
IRFH5306PBF IRF-IRFH5306PBF Datasheet
246Kb / 8P
   Control MOSFET for buck converters
IRFH5304PBF IRF-IRFH5304PBF Datasheet
349Kb / 8P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH5304PBF INFINEON-IRFH5304PBF Datasheet
1,008Kb / 10P
   Control MOSFET for Buck Converters
Rev. 2.4, 2021-03-19
IRFHM831PBF INFINEON-IRFHM831PBF Datasheet
480Kb / 10P
   Control MOSFET for Buck Converters
2016-2-26
logo
International Rectifier
IRFH5306TRPBF IRF-IRFH5306TRPBF Datasheet
246Kb / 8P
   Control MOSFET for buck converters
IRFH5304TRPBF IRF-IRFH5304TRPBF Datasheet
349Kb / 8P
   Control MOSFET for buck converters
IRFH5306PBF IRF-IRFH5306PBF_15 Datasheet
243Kb / 9P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH8330PBF INFINEON-IRFH8330PBF Datasheet
1Mb / 10P
   Control MOSFET for high frequency buck converters
Rev. 2.4, 2020-10-15
logo
International Rectifier
IRFH8330PBF IRF-IRFH8330PBF Datasheet
318Kb / 9P
   Control MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com