Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFH5304PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRFH5304PBF
Descripción Electrónicos  Control MOSFET for buck converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFH5304PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH5304PBF Datasheet HTML 1Page - International Rectifier IRFH5304PBF Datasheet HTML 2Page - International Rectifier IRFH5304PBF Datasheet HTML 3Page - International Rectifier IRFH5304PBF Datasheet HTML 4Page - International Rectifier IRFH5304PBF Datasheet HTML 5Page - International Rectifier IRFH5304PBF Datasheet HTML 6Page - International Rectifier IRFH5304PBF Datasheet HTML 7Page - International Rectifier IRFH5304PBF Datasheet HTML 8Page - International Rectifier IRFH5304PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through † are on page 8
PQFN 5X6 mm
Features and Benefits
Applications
Control MOSFET for buck converters
Features
Benefits
Absolute Maximum Ratings
Parameter
Units
V
DS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
I
D @ T A = 70°C
Continuous Drain Current, V
GS @ 10V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
I
DM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation g
PD @ TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
3.6
0.029
46
Max.
22
50
320
± 20
30
17
79
V
W
A
°C
VDS
30
V
RDS(on) max
(@VGS = 10V)
4.5
m
Ω
Qg (typical)
16
nC
ID
(@Tc(Bottom) = 25°C)
79
A
Low charge (typical 16nC)
Lower Switching Losses
Low Thermal Resistance to PCB (<2.7°C/W)
Increased Power Density
100% Rg tested
Increased Reliability
Low Profile (<0.9 mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
IRFH5304PbF
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 19, 2015
Form
Quantity
IRFH5304TRPBF
PQFN 5mm x 6mm
Tape and Reel
4000
IRFH5304TR2PBF
PQFN 5mm x 6mm
Tape and Reel
400
EOL notice # 259
Orderable part number
Package Type
Standard Pack
Note


Número de pieza similar - IRFH5304PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH5304PBF IRF-IRFH5304PBF Datasheet
349Kb / 8P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH5304PBF INFINEON-IRFH5304PBF Datasheet
1,008Kb / 10P
   Control MOSFET for Buck Converters
Rev. 2.4, 2021-03-19
More results

Descripción similar - IRFH5304PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFHM831TRPBF IRF-IRFHM831TRPBF Datasheet
262Kb / 8P
   Control MOSFET for Buck Converters
IRFH5306PBF IRF-IRFH5306PBF Datasheet
246Kb / 8P
   Control MOSFET for buck converters
IRFH5304PBF IRF-IRFH5304PBF Datasheet
349Kb / 8P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH5304PBF INFINEON-IRFH5304PBF Datasheet
1,008Kb / 10P
   Control MOSFET for Buck Converters
Rev. 2.4, 2021-03-19
IRFHM831PBF INFINEON-IRFHM831PBF Datasheet
480Kb / 10P
   Control MOSFET for Buck Converters
2016-2-26
logo
International Rectifier
IRFH5306TRPBF IRF-IRFH5306TRPBF Datasheet
246Kb / 8P
   Control MOSFET for buck converters
IRFH5304TRPBF IRF-IRFH5304TRPBF Datasheet
349Kb / 8P
   Control MOSFET for buck converters
IRFH5306PBF IRF-IRFH5306PBF_15 Datasheet
243Kb / 9P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH8330PBF INFINEON-IRFH8330PBF Datasheet
1Mb / 10P
   Control MOSFET for high frequency buck converters
Rev. 2.4, 2020-10-15
logo
International Rectifier
IRFH8330PBF IRF-IRFH8330PBF Datasheet
318Kb / 9P
   Control MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com