Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFH7188PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRFH7188PBF
Descripción Electrónicos  Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFH7188PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH7188PBF_15 Datasheet HTML 1Page - International Rectifier IRFH7188PBF_15 Datasheet HTML 2Page - International Rectifier IRFH7188PBF_15 Datasheet HTML 3Page - International Rectifier IRFH7188PBF_15 Datasheet HTML 4Page - International Rectifier IRFH7188PBF_15 Datasheet HTML 5Page - International Rectifier IRFH7188PBF_15 Datasheet HTML 6Page - International Rectifier IRFH7188PBF_15 Datasheet HTML 7Page - International Rectifier IRFH7188PBF_15 Datasheet HTML 8Page - International Rectifier IRFH7188PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FastIRFET™
IRFH7188PbF
1
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
July 20, 2015
HEXFET® Power MOSFET
VDSS
100
V
RDS(on) max
(@ VGS = 10V)
6.0
m

Qg (typical)
33
nC
Rg (typical)
0.92

ID
(@TC (Bottom) = 25°C)
105
A
 
 
PQFN 5X6 mm
Notes  through  are on page 9
Base part number
Package Type
Standard Pack
Orderable Part Number
 
 
Form
Quantity
IRFH7188PbF
PQFN 5mm x 6 mm
Tape and Reel
4000
IRFH7188TRPbF
Features
Benefits
Low Thermal Resistance to PCB (<0.95°C/W)
Increased Power Density
Low Profile (<1.05 mm)
results in Increased Power Density
Industry-Standard Pinout

Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1
Increased Reliability
100% Rg Tested
Increased Reliability
Low RDS(ON) (< 6.0m)
Lower Conduction Losses
Applications
 Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
 Secondary Side Synchronous Rectifier
 Hot Swap and Active O-Ring
Absolute Maximum Ratings
  
Parameter
Max.
Units
VGS
Gate-to-Source Voltage
± 20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
18
A
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
105
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
66
IDM
Pulsed Drain Current 
210
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC(Bottom) = 25°C
Power Dissipation
132
Linear Derating Factor
0.03
W/°C
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range


Número de pieza similar - IRFH7188PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH7182PBF IRF-IRFH7182PBF Datasheet
541Kb / 8P
   Optimized for Secondary Side Synchronous Rectification
IRFH7182PBF IRF-IRFH7182PBF_15 Datasheet
541Kb / 8P
   Optimized for Secondary Side Synchronous Rectification
IRFH7184PBF IRF-IRFH7184PBF Datasheet
516Kb / 8P
   Optimized for Secondary Side Synchronous Rectification
IRFH7184PBF IRF-IRFH7184PBF_15 Datasheet
516Kb / 8P
   Optimized for Secondary Side Synchronous Rectification
IRFH7185PBF IRF-IRFH7185PBF Datasheet
547Kb / 9P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
More results

Descripción similar - IRFH7188PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH7885PBF IRF-IRFH7885PBF_15 Datasheet
518Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7191PBF IRF-IRFH7191PBF_15 Datasheet
489Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7194PBF IRF-IRFH7194PBF_15 Datasheet
762Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7187PBF IRF-IRFH7187PBF Datasheet
494Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Infineon Technologies A...
IRFH7191PBF INFINEON-IRFH7191PBF Datasheet
550Kb / 10P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
2017-01-24
logo
International Rectifier
IRFH7185PBF IRF-IRFH7185PBF_15 Datasheet
547Kb / 9P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Infineon Technologies A...
IRFHM7194TRPBF INFINEON-IRFHM7194TRPBF Datasheet
507Kb / 10P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
2016-2-26
logo
Power-One
PLP75 POWER-ONE-PLP75 Datasheet
80Kb / 6P
   AC-DC power supplies suited for telecom
logo
International Rectifier
IRFHM792TRPBF IRF-IRFHM792TRPBF Datasheet
269Kb / 9P
   DC-DC Primary Switchl 48V Battery Monitoring
logo
Shenzhen Jingdao Electr...
16S45T JINGDAO-16S45T Datasheet
203Kb / 13P
   Mainly used in switch mode power supplies and high frequency DC-DC converters
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com