Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1802S-E Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza 2SD1802S-E
Descripción Electrónicos  Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1802S-E Datasheet(HTML) 1 Page - ON Semiconductor

  2SD1802S-E Datasheet HTML 1Page - ON Semiconductor 2SD1802S-E Datasheet HTML 2Page - ON Semiconductor 2SD1802S-E Datasheet HTML 3Page - ON Semiconductor 2SD1802S-E Datasheet HTML 4Page - ON Semiconductor 2SD1802S-E Datasheet HTML 5Page - ON Semiconductor 2SD1802S-E Datasheet HTML 6Page - ON Semiconductor 2SD1802S-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
92513 TKIM/82912 TKIM/42512EA TKIM/13004TN (KT)/92098HA (KT)/8259MO/4137KI/4116KI, TS No.2113-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SB1202/2SD1802
Bipolar Transistor
(–)50V, (–)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
TL
B1202
D1802
LOT No.
RANK
LOT No.
RANK
2,4
3
1
(For PNP, the polarity is reversed.)
Applicaitons
Voltage regulators, relay drivers, lamp drivers, electrical equipment
Features
Adoption of FBET and MBIT processes
Large current capacitance and wide ASO
Low collector to emitter saturation voltage
Fast switching speed
Small and slim package making it easy to make 2SB1202/2SD1802-used sets smaller
Specifications ( ): 2SB1202
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector to Base Voltage
VCBO
(--)60
V
Collector to Emitter Voltage
VCEO
(--)50
V
Emitter to Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)3
A
Collector Current (Pulse)
ICP
(--)6
A
Continued on next page.
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-003
7003-003
Ordering number : EN2113E
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3 2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3 2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP-FA
2SB1202S-E
2SB1202T-E
2SD1802S-E
2SD1802T-E
2SB1202S-TL-E
2SB1202T-TL-E
2SD1802S-TL-E
2SD1802T-TL-E
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251, SOT-553, DPAK
• JEITA, JEDEC : SC-63, TO-252, SOT-428, DPAK
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking(TP, TP-FA)
Packing Type (TP-FA) : TL
Electrical Connection


Número de pieza similar - 2SD1802S-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SD1802S-E ONSEMI-2SD1802S-E Datasheet
100Kb / 7P
   Bipolar Transistor
September, 2013
2SD1802S-E ONSEMI-2SD1802S-E Datasheet
215Kb / 8P
   Bipolar Transistor
March, 2019 ??Rev. 0
logo
Sanyo Semicon Device
2SD1802S-E SANYO-2SD1802S-E Datasheet
500Kb / 10P
   High-Current Switching Applications
2SD1802S-ETP SANYO-2SD1802S-ETP Datasheet
500Kb / 10P
   High-Current Switching Applications
More results

Descripción similar - 2SD1802S-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com