Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD136G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza BD136G
Descripción Electrónicos  Plastic Medium-Power Silicon PNP Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD136G Datasheet(HTML) 1 Page - ON Semiconductor

  BD136G Datasheet HTML 1Page - ON Semiconductor BD136G Datasheet HTML 2Page - ON Semiconductor BD136G Datasheet HTML 3Page - ON Semiconductor BD136G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
December, 2013 − Rev. 16
1
Publication Order Number:
BD136/D
BD136G, BD138G, BD140G
Plastic Medium-Power
Silicon PNP Transistors
This series of plastic, medium−power silicon PNP transistors are
designed for use as audio amplifiers and drivers utilizing
complementary or quasi complementary circuits.
Features
High DC Current Gain
BD 136, 138, 140 are complementary with BD 135, 137, 139
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
BD136G
BD138G
BD140G
VCEO
45
60
80
Vdc
Collector−Base Voltage
BD136G
BD138G
BD140G
VCBO
45
60
100
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
1.5
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
1.25
10
Watts
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
12.5
100
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
10
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
100
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
Device
Package
Shipping
1.5 A POWER TRANSISTORS
PNP SILICON
45, 60, 80 V, 12.5 W
BD136G
TO−225
(Pb−Free)
500 Units/Box
ORDERING INFORMATION
BD138G
TO−225
(Pb−Free)
500 Units/Box
BD140G
TO−225
(Pb−Free)
500 Units/Box
Y
= Year
WW
= Work Week
BD1xx
= Device Code
xx = 36, 38, 40
G
= Pb−Free Package
MARKING DIAGRAM
3
BASE
1
EMITTER
COLLECTOR
2, 4
TO−225
CASE 77−09
STYLE 1
1
2 3
YWW
BD1xxG


Número de pieza similar - BD136G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BD136G ONSEMI-BD136G Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
logo
Unisonic Technologies
BD136G-6-T60-K UTC-BD136G-6-T60-K Datasheet
136Kb / 3P
   PNP SILICON TRANSISTOR
BD136G-6-TM3-T UTC-BD136G-6-TM3-T Datasheet
136Kb / 3P
   PNP SILICON TRANSISTOR
More results

Descripción similar - BD136G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4918 ONSEMI-2N4918_17 Datasheet
203Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
2N4918G ONSEMI-2N4918G Datasheet
117Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
Micro Commercial Compon...
TIP105 MCC-TIP105 Datasheet
268Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
   Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com