Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM337BD2TR4G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LM337BD2TR4G
Descripción Electrónicos  1.5 A, Adjustable Output Negative Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337BD2TR4G Datasheet(HTML) 3 Page - ON Semiconductor

  LM337BD2TR4G Datasheet HTML 1Page - ON Semiconductor LM337BD2TR4G Datasheet HTML 2Page - ON Semiconductor LM337BD2TR4G Datasheet HTML 3Page - ON Semiconductor LM337BD2TR4G Datasheet HTML 4Page - ON Semiconductor LM337BD2TR4G Datasheet HTML 5Page - ON Semiconductor LM337BD2TR4G Datasheet HTML 6Page - ON Semiconductor LM337BD2TR4G Datasheet HTML 7Page - ON Semiconductor LM337BD2TR4G Datasheet HTML 8Page - ON Semiconductor LM337BD2TR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LM337
www.onsemi.com
3
Representative Schematic Diagram
Figure 1. Line Regulation and
DIAdj/Line Test Circuit
*
VOH
VOL
LineRegulation(% V)
+
|V
OL
–V
OH
|
|V
OH
|
x100
LM337
100
2.5k
2.0k
60
810
10k
15pF
800
220
5.0k
75
0
60k
100k
18k
800
4.0k
6.0k
1.0k
9.6k
3.0k
2.2k
100
18k
21k
270
100pF
5.0pF
240
2.0
pF
250
8.0k
20k
100k
5.0k
0.2
15
600
2.9k
4.0k
500
2.4k
15
155
0.05
Vin
500
Adjust
Vout
2.0k
25pF
15pF
Cin
1.0
mF
R2
1%
CO
+
RL
Adjust
Vin
Vout
R1
120
1%
VEE
*Pulse testing required.
1% Duty Cycle
is suggested.
1.0
mF
VIH
VIL
IAdj
This device contains 39 active transistors.
30k


Número de pieza similar - LM337BD2TR4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM337BD2TR4G ONSEMI-LM337BD2TR4G Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337BD2TR4G ONSEMI-LM337BD2TR4G Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
More results

Descripción similar - LM337BD2TR4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com