Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM337BTG Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza LM337BTG
Descripción Electrónicos  1.5 A, Adjustable Output Negative Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337BTG Datasheet(HTML) 2 Page - ON Semiconductor

  LM337BTG Datasheet HTML 1Page - ON Semiconductor LM337BTG Datasheet HTML 2Page - ON Semiconductor LM337BTG Datasheet HTML 3Page - ON Semiconductor LM337BTG Datasheet HTML 4Page - ON Semiconductor LM337BTG Datasheet HTML 5Page - ON Semiconductor LM337BTG Datasheet HTML 6Page - ON Semiconductor LM337BTG Datasheet HTML 7Page - ON Semiconductor LM337BTG Datasheet HTML 8Page - ON Semiconductor LM337BTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LM337
www.onsemi.com
2
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted)
Rating
Symbol
Value
Unit
Input−Output Voltage Differential
VI−VO
40
Vdc
Power Dissipation
Case 221A
TA = +25°C
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
Case 936 (D2PAK)
TA = +25°C
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
PD
qJA
qJC
PD
qJA
qJC
Internally Limited
65
5.0
Internally Limited
70
5.0
W
°C/W
°C/W
W
°C/W
°C/W
Operating Junction Temperature Range
TJ
− 40 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (|VI−VO| = 5.0 V; IO = 0.5 A for T package; TJ = Tlow to Thigh [Note 1]; Imax and Pmax [Note 2].)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Line Regulation (Note 3), TA = +25°C, 3.0 V ≤ |VI−VO| ≤ 40 V
1
Regline
0.01
0.04
%/V
Load Regulation (Note 3), TA = +25°C, 10 mA ≤ IO ≤ Imax
|VO| ≤ 5.0 V
|VO| ≥ 5.0 V
2
Regload
15
0.3
50
1.0
mV
% VO
Thermal Regulation, TA = +25°C (Note 5), 10 ms Pulse
Regtherm
0.003
0.04
% VO/W
Adjustment Pin Current
3
IAdj
65
100
mA
Adjustment Pin Current Change, 2.5 V
≤ |VI−VO| ≤ 40 V,
10 mA
≤ IL ≤ Imax, PD ≤ Pmax, TA = +25°C
1, 2
DIAdj
2.0
5.0
mA
Reference Voltage, TA = +25°C, 3.0 V ≤ |VI−VO| ≤ 40 V,
10 mA
≤ IO ≤ Imax, PD ≤ Pmax, TJ = Tlow to Thigh
3
Vref
−1.213
−1.20
−1.250
−1.25
−1.287
−1.30
V
Line Regulation (Note 3), 3.0 V
≤ |VI−VO| ≤ 40 V
1
Regline
0.02
0.07
%/V
Load Regulation (Note 3), 10 mA
≤ IO ≤ Imax
|VO| ≤ 5.0 V
|VO| ≥ 5.0 V
2
Regload
20
0.3
70
1.5
mV
% VO
Temperature Stability (Tlow ≤ TJ ≤ Thigh)
3
TS
0.6
% VO
Minimum Load Current to Maintain Regulation
(|VI−VO| ≤ 10 V)
(|VI−VO| ≤ 40 V)
3
ILmin
1.5
2.5
6.0
10
mA
Maximum Output Current
|VI−VO| ≤ 15 V, PD ≤ Pmax, T Package
|VI−VO| ≤ 40 V, PD ≤ Pmax, TJ = +25°C, T Package
3
Imax
1.5
0.15
2.2
0.4
A
RMS Noise, % of VO, TA = +25°C, 10 Hz ≤ f ≤ 10 kHz
N
0.003
% VO
Ripple Rejection, VO = −10 V, f = 120 Hz (Note 4)
Without CAdj
CAdj = 10 mF
4
RR
66
60
77
dB
Long−Term Stability, TJ = Thigh (Note 6), TA = +25°C for
Endpoint Measurements
3
S
0.3
1.0
%/1.0 k
Hrs.
Thermal Resistance, Junction−to−Case, T Package
RqJC
4.0
°C/W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Tlow to Thigh = 0° to +125°C, for LM337T, D2T.
Tlow to Thigh = − 40° to +125°C, for LM337BT, BD2T.
2. Imax = 1.5 A, Pmax = 20 W
3. Load and line regulation are specified at constant junction temperature. Change in VO because of heating effects is covered under the
Thermal Regulation specification. Pulse testing with a low duty cycle is used.
4. CAdj, when used, is connected between the adjustment pin and ground.
5. Power dissipation within an IC voltage regulator produces a temperature gradient on the die, affecting individual IC components on the die.
These effects can be minimized by proper integrated circuit design and layout techniques. Thermal Regulation is the effect of these
temperature gradients on the output voltage and is expressed in percentage of output change per watt of power change in a specified time.
6. Since Long Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot to lot.


Número de pieza similar - LM337BTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM337BTG ONSEMI-LM337BTG Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337BTG ONSEMI-LM337BTG Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
More results

Descripción similar - LM337BTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com