Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIA78D18AF Datasheet(PDF) 7 Page - KEC(Korea Electronics)

No. de pieza KIA78D18AF
Descripción Electrónicos  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D18AF Datasheet(HTML) 7 Page - KEC(Korea Electronics)

Back Button KIA78D18AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 9Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 10Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 11Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2014. 5. 13
7/11
KIA78D15AF~KIA78D05AF
Revision No : 0
Fig.7-2 CURRENT LIMIT
(KIA78D33AF)
OUTPUT CURRENT (A)
0.0
0.00
0.50
1.00
1.50
1.5
1.0
0.5
2.0
2.5
3.0
4.0
3.5
Fig.7-1 CURRENT LIMIT
(KIA78D15AF)
OUTPUT CURRENT (A)
0.00
0.0
0.5
0.50
2.0
1.5
1.0
1.00
1.50
Fig.7-3 CURRENT LIMIT
(KIA78D05AF)
OUTPUT CURRENT (A)
0.0
0.00
0.50
1.00
1.50
2.00
2.0
1.0
3.0
4.0
5.0
6.0
Fig. 8-1 ESR STABLE AREA
(KIA78D15AF)
OUTPUT CURRENT (A)
0
0.01
0.1
1
10
0.5
0.25
0.75
1
Stable Area
OUTPUT CURRENT (A)
0.0
0.2
0.4
Fig. 8-2 ESR STABLE AREA
(KIA78D33AF)
0.6
0.8
1.0
0.01
0.1
1
10
Stable Area
Fig. 8-3 ESR STABLE AREA
(KIA78D05AF)
0.01
0.1
1
10
OUTPUT CURRENT (A)
0
0.2
0.4
1
0.6
0.8
Stable Area


Número de pieza similar - KIA78D18AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIA78D10 KEC-KIA78D10 Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D10 KEC-KIA78D10 Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D10 KEC-KIA78D10 Datasheet
893Kb / 6P
   SEMICONDUCTOR
KIA78D10F KEC-KIA78D10F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D10F KEC-KIA78D10F Datasheet
67Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Descripción similar - KIA78D18AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com