Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAP64-05 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BAP64-05
Descripción Electrónicos  Silicon PIN diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64-05 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP64-05_15 Datasheet HTML 1Page - NXP Semiconductors BAP64-05_15 Datasheet HTML 2Page - NXP Semiconductors BAP64-05_15 Datasheet HTML 3Page - NXP Semiconductors BAP64-05_15 Datasheet HTML 4Page - NXP Semiconductors BAP64-05_15 Datasheet HTML 5Page - NXP Semiconductors BAP64-05_15 Datasheet HTML 6Page - NXP Semiconductors BAP64-05_15 Datasheet HTML 7Page - NXP Semiconductors BAP64-05_15 Datasheet HTML 8Page - NXP Semiconductors BAP64-05_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BAP64-05
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 28 April 2015
2 of 9
NXP Semiconductors
BAP64-05
Silicon PIN diode
4.
Marking
5.
Limiting values
6.
Thermal characteristics
7.
Characteristics
Table 3.
Marking
Type number
Marking
Description
BAP64-05
5K*
* = t : made in Malaysia
* = W : made in China
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Values are specified per diode.
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
175
V
IF
forward current
-
100
mA
Ptot
total power dissipation
Tsp = 90 C-
250
mW
Tstg
storage temperature
65
+150
C
Tj
junction temperature
65
+150
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction to solder point
220
K/W
Table 6.
Characteristics
Values are specified per diode; Tj = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
-
0.95
1.1
V
IR
reverse current
VR = 175 V
-
-
10
A
VR =20V
-
-
1
A
Cd
diode capacitance
see Figure 1; f = 1 MHz;
VR = 0 V
-
0.52
-
pF
VR = 1 V
-
0.37
-
pF
VR =20V
-
0.23
0.35
pF


Número de pieza similar - BAP64-05_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BAP64-05 JMNIC-BAP64-05_15 Datasheet
63Kb / 8P
   Silicon PIN diode
More results

Descripción similar - BAP64-05_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com