Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWA-3231 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

No. de pieza FWA-3231
Descripción Electrónicos  1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-3231 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FWA-3231_15 Datasheet HTML 1Page - Advantech Co., Ltd. FWA-3231_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
FWA-3231
1U Rack mount Network Application Platform
with 4th gen. Intel® Xeon® Processor E3 series
and Intel® Core™ i7/i5/i3 Processors
ƒ Supports Intel® Xeon® Processor E3-1275/E3-1225/E3-1268LV3 and 4th
Gen Intel® Core™ Processors i5-4570TE,i3-4360,i3-4330,i3-4330TE, Intel®
Pentium® Processor G3320TE and Intel® Celeron® Processor G1820TE.
ƒ Supports 2 channel four DDR3 ECC Un-buffered 1333/1600 DIMMs,
up to 32 GB
ƒ Four network Mezzanine Cards(NMC) Slots for a wide range of GbE and 10GbE
NMCs with or without bypass
ƒ One PCIex8 and on PCIex4 full-height/half-length add-on card
ƒ One 2.5" SATA HDD and SSD and one HS/FS mSATA socket
ƒ C-Fast or CF Module support (optional)
ƒ IPMI2.0 compliant Remote Management (optional)
Introduction
The FWA-3231 1U network appliance can scale from entry-level performance using Intel® Celeron® and Pentium® processors to the mid-range segment using Intel® Xeon® series
processors, offering an outstanding price/performance ratio with each SKU. In addition to supporting the latest Haswell micro architecture enhancements for increased CPU performance,
virtualization support and I/O throughput, the FWA-3231 adds support for latest Gigabit Ethernet controllers, PCIe gen.3 connectivity, support for remote management and advanced
LAN bypass to create state-of-the-art platforms for specific enterprise networking applications.
Memory configurations can include four DDR3 1333/1600 DIMMs for up to 32GB in total.
For I/O expandability, two standard PCIe full-height, half-length slots with rear access allow the integration of off-the-shelf PCIe adapters and up to four Advantech Network Mezzanine
Card (NMC) slots offer further flexibility for additional front-panel network ports.
In the base configuration, the system comes with a single internal 2.5" SATA HDD/SSD, The management panel at the front provides one RJ45 Serial port, two Intel® I210-AT GbE
Management ports,two USB Ports and an LCD Module, and LED Indicators for power/locate/alert for local system management ,maintenance, and diagnostics.
Specifications
Processor System
CPU
Intel® Xeon® Processor E3-1275/E3-1225/E3-1268LV3
4th Gen Intel® Core™ Processors
i5-4570TE, i3-4360, i3-4330, i3-4330TE, Intel® Pentium® Processor G3320TE and Intel® Celeron® Processor
G1820TE(LGA1150)
LLC
8M/6M/4M/3M/2M
Chipset
PCH
Intel® C226 PCH
Memory
DIMM sockets
4
Technology
Dual channel DDR3 1333/1600 MHz ECC Un-buffered memory
Capacity
Up to 32 GB
PCIe
Expansion Slots
1 x PCI-Express Gen.2 x4 FH/HL Expansion Slot and 1 x PCI-Express Gen.3 x8 FH/HL Expansion Slot
Ethernet
LAN on Board
2 x Intel I210-AT 10/100/1000 Mbps Ethernet
NMC modules
4 x NMC modules with PCIex8 gen.3 interfaces
Maximum 8GbE ports or 2 x 10GE ports.
Please refer to the "Recommended NMC Module List" section for a list of currently available NMCs
Storage
SATA
1 x 3.5" or 1 x 2.5" internal SATAHDD / SSD
Flash
1 x mSATA socket , support Full size/half size module
CF or CFast module support (Optional)
Management Ports &
Peripherals
USB
2 x USB2.0 Type A connectors on the front
1 x USB3.0 pin header
Serial
1 x RS232 Console port (RJ-45 connector)
LCD Module
16 x 2 graphic display, 5 buttons
IPMI
LOM Module (optional) with Aspeed AST1050 chip
Supports IPMI 2.0, redundant BIOS and remote, failsafe BIOS udpate
VGA
1 x VGA pin header
TPM
Optional
Power Supply
Wattage
300W redundant AC PSUs (redundant DC PSUs on request)
300W Single AC PSU
Input
AC 100 ~ 240 V @ 50 ~ 60 Hz, full range
PMBus support on redundant PSU
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-40 ~ 60° C (-40 ~ 140° F)
Humidity
5 ~ 85 %@ 40° C (104° F)
5 ~ 95 %
Physical
Dimensions (W x H x D)
430 x 44 x 550 mm , 16.6" x 1.7"X21.6”
Weight
10 kg (22 lb)
RoHS
COMPLIANT
2002/95/EC
Preliminary
All product specifications are subject to change without notice
Last updated : 4-May-2015


Número de pieza similar - FWA-3231_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
FWA-3231-00A1E ADVANTECH-FWA-3231-00A1E Datasheet
646Kb / 2P
   1U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, 4 NMC slots
9-Jun-2017
FWA-3231-01A1E ADVANTECH-FWA-3231-01A1E Datasheet
646Kb / 2P
   1U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, 4 NMC slots
9-Jun-2017
FWA-3231-07A1E ADVANTECH-FWA-3231-07A1E Datasheet
646Kb / 2P
   1U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, 4 NMC slots
9-Jun-2017
More results

Descripción similar - FWA-3231_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-4208 ADVANTECH-FWA-4208 Datasheet
464Kb / 2P
   1U Rack-mount Network Application Platform based on Intel짰 Xeon짰 X3400 Processor or Intel짰 Core??i5/i3 ProcessorRoHSCOMPLIANT2002/95/EC
logo
Lanner All Rights Reser...
LEC-2284 LANNER-LEC-2284 Datasheet
2Mb / 1P
   4th Gen Intel짰 Core??i7/i5/i3 Platform with Rich I/O and Expansion
LEC-2281 LANNER-LEC-2281 Datasheet
1Mb / 1P
   4th Gen Intel짰 Core??i7/i5/i3 Platform with Rich I/O and Expansion
logo
Axiomtek Co., Ltd.
CAPA880 AXIOMTEK-CAPA880 Datasheet
285Kb / 1P
   LGA1150 socket 4th gen Intel짰 Core??i7/i5/i3 & Celeron짰 processor
logo
List of Unclassifed Man...
LEC-2281 ETC2-LEC-2281 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 Platform with Rich I/O and Expansion
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
logo
List of Unclassifed Man...
FW-7584A ETC2-FW-7584A Datasheet
166Kb / 2P
   Rackmount x86 Network Security Platform with 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
logo
Axiomtek Co., Ltd.
CAPA500 AXIOMTEK-CAPA500 Datasheet
341Kb / 1P
   LGA1151 6th/7th gen Intel짰 Core??i7/i5/i3 processor
logo
Protech Systems Co., Lt...
SP-6205 PROTECHSYSTEMS-SP-6205 Datasheet
557Kb / 2P
   Intel짰 Core??3rd Gen. mobile i3/i5/i7 (rPGA-988)processor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com