Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAP70Q Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BAP70Q
Descripción Electrónicos  Quad PIN diode attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP70Q Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP70Q_15 Datasheet HTML 1Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 2Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 3Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 4Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 5Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 6Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 7Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 8Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BAP70Q
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 6 March 2012
2 of 13
NXP Semiconductors
BAP70Q
Quad PIN diode attenuator
4.
Marking
5.
Limiting values
[1]
single diode.
6.
Thermal characteristics
7.
Characteristics
Table 3.
Marking
Type number
Marking code
BAP70Q
A2
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
[1]
-50
V
IF
forward current
[1]
-100
mA
Ptot
total power dissipation
Tsp =90 C
[1]
-125
mW
Tstg
storage temperature
65
+150
C
Tj
junction temperature
65
+150
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction to solder point
350
K/W
Table 6.
Characteristics
Tj = 25 C unless otherwise specified.
Symbol Parameter
Conditions
Min Typ
Max Unit
Per diode
VF
forward voltage
IF = 50 mA
-
0.95
1.1
V
IR
reverse current
VR =50V
-
-
100
nA
Cd
diode capacitance
see Figure 1; f = 1 MHz;
VR = 0 V
-
600
-
fF
VR = 1 V
-
430
-
fF
VR = 20 V
-
250
300
fF
rD
diode forward resistance see Figure 2; f = 100 MHz;
IF =0.5 mA
-
77
100
IF =1mA
-
40
50
IF =10mA
-
5.4
7
IF =100 mA
-
1.4
1.9
L
charge carrier life time
when switched from
IF =10mAtoIR =6mA;
RL =100 ; measured at IR =3mA
-1.25
-
s


Número de pieza similar - BAP70Q_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAP70Q NXP-BAP70Q Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Descripción similar - BAP70Q_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
   PIN Diode ? Quad Attenuator
MA4P274-1225T MACOM-MA4P274-1225T_1 Datasheet
672Kb / 12P
   Quad PIN Diode Attenuator 5 -3000 MHz
logo
M/A-COM Technology Solu...
MA4P274-1225 MA-COM-MA4P274-1225 Datasheet
414Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
MA4P7455-1225 MA-COM-MA4P7455-1225 Datasheet
352Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
logo
Tyco Electronics
MA4P274-1225T MACOM-MA4P274-1225T Datasheet
209Kb / 10P
   Quad PIN Diode p Attenuator 5 .3000 MHz
logo
Microsemi Corporation
UM9552 MICROSEMI-UM9552 Datasheet
105Kb / 4P
   PIN DIODE ATTENUATOR
logo
Merrimac Industries, In...
AEF-35A-500 MERRIMAC-AEF-35A-500 Datasheet
94Kb / 1P
   PIN DIODE ATTENUATOR
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816_15 Datasheet
326Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com