Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS21VD Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BAS21VD
Descripción Electrónicos  High-voltage switching diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS21VD Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS21VD_15 Datasheet HTML 1Page - NXP Semiconductors BAS21VD_15 Datasheet HTML 2Page - NXP Semiconductors BAS21VD_15 Datasheet HTML 3Page - NXP Semiconductors BAS21VD_15 Datasheet HTML 4Page - NXP Semiconductors BAS21VD_15 Datasheet HTML 5Page - NXP Semiconductors BAS21VD_15 Datasheet HTML 6Page - NXP Semiconductors BAS21VD_15 Datasheet HTML 7Page - NXP Semiconductors BAS21VD_15 Datasheet HTML 8Page - NXP Semiconductors BAS21VD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NXP Semiconductors
BAS21VD
High-voltage switching diodes
BAS21VD
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
1 August 2013
5 / 11
0
50
100
200
VR
(V)
300
0
100
200
150
mle167
Tamb (°C)
FR4 PCB, standard footprint
Fig. 5. Reverse voltage as a function of ambient
temperature; derating curve
mbg442
0
100
200
Tamb (°C)
300
200
0
100
IF
(mA)
FR4 PCB, standard footprint
Fig. 6. Forward current as a function of ambient
temperature; derating curve
11. Test information
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
(1) IR = 3 mA
Fig. 7. Reverse recovery time test circuit and waveforms
11.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.


Número de pieza similar - BAS21VD_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAS21VD PHILIPS-BAS21VD Datasheet
60Kb / 8P
   High-voltage switching diode array
2003 Jul 02
BAS21VD NXP-BAS21VD Datasheet
126Kb / 8P
   High-voltage switching diode array
2003 Jul 02
logo
Nexperia B.V. All right...
BAS21VD NEXPERIA-BAS21VD Datasheet
666Kb / 11P
   High-voltage switching diodes
1 August 2013
More results

Descripción similar - BAS21VD_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
   High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
   HIGH VOLTAGE SWITCHING DIODES
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
   High Voltage Switching Diodes
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
   HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
   High Voltage Switching Diodes
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
   High Voltage Switching Diodes
logo
Galaxy Semi-Conductor H...
BAS21H BILIN-BAS21H Datasheet
184Kb / 3P
   High Voltage Switching Diodes
logo
Nanjing International G...
BAV19 DGNJDZ-BAV19 Datasheet
85Kb / 3P
   High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21W PHILIPS-BAS21W_15 Datasheet
76Kb / 11P
   High-voltage switching diodes
Rev. 01-9 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com