Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT74 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BAT74
Descripción Electrónicos  Schottky barrier double diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT74 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAT74_15 Datasheet HTML 1Page - NXP Semiconductors BAT74_15 Datasheet HTML 2Page - NXP Semiconductors BAT74_15 Datasheet HTML 3Page - NXP Semiconductors BAT74_15 Datasheet HTML 4Page - NXP Semiconductors BAT74_15 Datasheet HTML 5Page - NXP Semiconductors BAT74_15 Datasheet HTML 6Page - NXP Semiconductors BAT74_15 Datasheet HTML 7Page - NXP Semiconductors BAT74_15 Datasheet HTML 8Page - NXP Semiconductors BAT74_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BAT74_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 19 April 2010
4 of 10
NXP Semiconductors
BAT74
Schottky barrier double diode
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
f=1MHz; Tamb =25 °C
Standard footprint
Fig 3.
Diode capacitance as a function of reverse
voltage; typical values
Fig 4.
Power derating curve
103
102
10−1
IF
(mA)
VF (V)
10
1
1.2
0.8
0.4
0
msa892
(3)
(2)
(1)
(3)
(2)
(1)
010
20
30
VR (V)
103
102
10−1
IR
(
μA)
10
1
(1)
(2)
(3)
msa893
010
20
30
0
5
10
15
VR (V)
Cd
(pF)
msa891
msa894
0
100
200
300
Ptot
(mW)
150
75
0
Tamb (°C)


Número de pieza similar - BAT74_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAT74.215 NXP-BAT74.215 Datasheet
107Kb / 11P
   Schottky barrier double diode
Rev. 03-19 April 2010
BAT74235 PHILIPS-BAT74235 Datasheet
119Kb / 10P
   Schottky barrier double diode
Rev. 03-19 April 2010
BAT74S PHILIPS-BAT74S Datasheet
51Kb / 12P
   Schottky barrier double diode
1998 Jul 10
logo
Guangdong Kexin Industr...
BAT74S KEXIN-BAT74S Datasheet
39Kb / 2P
   Schottky Barrier Double Diode
logo
Nexperia B.V. All right...
BAT74S NEXPERIA-BAT74S Datasheet
2Mb / 10P
   Dual Schottky barrier diode
22 November 2012
More results

Descripción similar - BAT74_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PMBD354 NXP-PMBD354 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
BAS70-07S PHILIPS-BAS70-07S Datasheet
52Kb / 8P
   Schottky barrier double diode
1998 Jul 10
BAT74S PHILIPS-BAT74S_03 Datasheet
57Kb / 8P
   Schottky barrier double diode
2003 Apr 11
BAT74V PHILIPS-BAT74V_15 Datasheet
198Kb / 7P
   Schottky barrier double diode
2002 Sep 02
logo
Nexperia B.V. All right...
BAT160C NEXPERIA-BAT160C Datasheet
196Kb / 8P
   Schottky barrier double diode
22 September 2022
logo
NXP Semiconductors
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
   Schottky barrier double diode
2003 Nov 11
BAT74235 PHILIPS-BAT74235 Datasheet
119Kb / 10P
   Schottky barrier double diode
Rev. 03-19 April 2010
PMBD354 PHILIPS-PMBD354_15 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
logo
Guangdong Kexin Industr...
BAT74 KEXIN-BAT74 Datasheet
39Kb / 2P
   Schottky Barrier Double Diode
logo
NXP Semiconductors
BAT74V PHILIPS-BAT74V Datasheet
51Kb / 8P
   Schottky barrier double diode
2002 Sep 02
PBYR2100CT PHILIPS-PBYR2100CT Datasheet
47Kb / 8P
   Schottky barrier double diode
1999 May 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com