Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLB4030PBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRLB4030PBF
Descripción Electrónicos  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLB4030PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLB4030PBF Datasheet HTML 1Page - International Rectifier IRLB4030PBF Datasheet HTML 2Page - International Rectifier IRLB4030PBF Datasheet HTML 3Page - International Rectifier IRLB4030PBF Datasheet HTML 4Page - International Rectifier IRLB4030PBF Datasheet HTML 5Page - International Rectifier IRLB4030PBF Datasheet HTML 6Page - International Rectifier IRLB4030PBF Datasheet HTML 7Page - International Rectifier IRLB4030PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLB4030PbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.05mH
RG = 25
Ω, IAS = 110A, VGS =10V. Part not recommended for use
above this value .
ƒ ISD ≤ 110A, di/dt ≤ 1330A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
S
D
G
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material). For
recommended footprint and soldering techniquea refer to applocation
note # AN- 994 echniques refer to application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.10
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.4
4.3
m
–––
3.6
4.5
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
2.1
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
320
–––
–––
S
Qg
Total Gate Charge
–––
87
130
Qgs
Gate-to-Source Charge
–––
27
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
45
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
42
–––
td(on)
Turn-On Delay Time
–––
74
–––
tr
Rise Time
–––
330
–––
td(off)
Turn-Off Delay Time
–––
110
–––
tf
Fall Time
–––
170
–––
Ciss
Input Capacitance
––– 11360 –––
Coss
Output Capacitance
–––
670
–––
Crss
Reverse Transfer Capacitance
–––
290
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)h ––– 760 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)g
–––
1140
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
50
–––
TJ = 25°C
VR = 85V,
–––
60
–––
TJ = 125°C
IF = 110A
Qrr
Reverse Recovery Charge
–––
88
–––
TJ = 25°C
di/dt = 100A/µs f
–––
130
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
3.3
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VDS = 25V, ID = 110A
ID = 110A
VGS = 16V
VGS = -16V
MOSFET symbol
showing the
VDS = 50V
Conditions
VGS = 4.5V f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 80V h
VGS = 0V, VDS = 0V to 80V g
TJ = 25°C, IS = 110A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 5mA™
VGS = 10V, ID = 110A f
VDS = VGS, ID = 250µA
VDS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
ID = 110A
RG = 2.7Ω
VGS = 4.5V f
VDD = 65V
ID = 110A, VDS =0V, VGS = 4.5V
A
–––
–––
–––
–––
VGS = 4.5V, ID = 92A f
ns
nC
180
730
µA
nA
nC
ns
pF


Número de pieza similar - IRLB4030PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLB4030PBF IRF-IRLB4030PBF Datasheet
286Kb / 8P
   HEXFET Power MOSFET
More results

Descripción similar - IRLB4030PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com