Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLHS2242PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRLHS2242PBF
Descripción Electrónicos  Charge and Discharge Switch for Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLHS2242PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLHS2242PBF_15 Datasheet HTML 1Page - International Rectifier IRLHS2242PBF_15 Datasheet HTML 2Page - International Rectifier IRLHS2242PBF_15 Datasheet HTML 3Page - International Rectifier IRLHS2242PBF_15 Datasheet HTML 4Page - International Rectifier IRLHS2242PBF_15 Datasheet HTML 5Page - International Rectifier IRLHS2242PBF_15 Datasheet HTML 6Page - International Rectifier IRLHS2242PBF_15 Datasheet HTML 7Page - International Rectifier IRLHS2242PBF_15 Datasheet HTML 8Page - International Rectifier IRLHS2242PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through ‡ are on page 9
Applications
l Charge and Discharge Switch for Battery Application
l System/load switch
Features and Benefits
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 4.5V (Wirebond Limited)
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
2.1
0.02
9.6
Max.
-7.2
-9.8
hi
-34
±12
-20
-5.8
-15
hi
-8.5
i
V
W
A
°C
2mm x 2mm PQFN
G
D
D
S
D
D
S
D
VDS
-20
V
VGS max
±12
V
RDS(on) max
(@VGS = 4.5V)
31
m
Ω
RDS(on) max
(@VGS = 2.5V)
53
m
Ω
Qg typ
9.6
nC
ID
(@Tc(Bottom) = 25°C)
-8.5
i
A
G 3
S
D2
D1
4S
5D
6D
TOP VIEW
D
IRLHS2242PbF
Features
Benefits
Low Thermal Resistance to PCB (
≤ 13°C/W)
Enable better thermal dissipation
Low Profile (
≤ 1.0mm)
results in
Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
1
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
December 16, 2013
Form
Quantity
IRLHS2242TRPbF
PQFN 2mm x 2mm
Tape and Reel
4000
IRLHS2242TR2PbF
PQFN 2mm x 2mm
Tape and Reel
400
EOL notice # 259
Orderable part number
Package Type
Standard Pack
Note


Número de pieza similar - IRLHS2242PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLHS2242PBF IRF-IRLHS2242PBF Datasheet
272Kb / 9P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRLHS2242PBF INFINEON-IRLHS2242PBF Datasheet
268Kb / 2P
   Sense2GoL pulse development kit
12 / 2019
More results

Descripción similar - IRLHS2242PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com