Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLHS6242PBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRLHS6242PBF
Descripción Electrónicos  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLHS6242PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLHS6242PBF_15 Datasheet HTML 1Page - International Rectifier IRLHS6242PBF_15 Datasheet HTML 2Page - International Rectifier IRLHS6242PBF_15 Datasheet HTML 3Page - International Rectifier IRLHS6242PBF_15 Datasheet HTML 4Page - International Rectifier IRLHS6242PBF_15 Datasheet HTML 5Page - International Rectifier IRLHS6242PBF_15 Datasheet HTML 6Page - International Rectifier IRLHS6242PBF_15 Datasheet HTML 7Page - International Rectifier IRLHS6242PBF_15 Datasheet HTML 8Page - International Rectifier IRLHS6242PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
December 17, 2013
IRLHS6242PbF
S
D
G
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Package is limited to 12A by die-source to lead-frame bonding technology.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ When mounted on 1 ich square copper board.
… Rθ is measured at TJ of approximately 90°C.
† For DESIGN AID ONLY, not subject to production testing.
‡ Calculated continuous current based on maximum allowable junction temperature.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
6.8
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
9.4
11.7
–––
12.4
15.5
VGS(th)
Gate Threshold Voltage
0.5
0.8
1.1
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-4.2
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
36
–––
–––
S
Qg
Total Gate Charge
h
–––
14
–––
VDS = 10V
Qgs
Gate-to-Source Charge
h
–––
1.5
–––
Qgd
Gate-to-Drain Charge
h
–––
6.3
–––
RG
Gate Resistance
–––
2.1
–––
Ω
td(on)
Turn-On Delay Time
–––
5.8
–––
tr
Rise Time
–––
15
–––
td(off)
Turn-Off Delay Time
–––
19
–––
tf
Fall Time
–––
13
–––
Ciss
Input Capacitance
–––
1110
–––
Coss
Output Capacitance
–––
260
–––
Crss
Reverse Transfer Capacitance
–––
180
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
15
23
ns
Qrr
Reverse Recovery Charge
–––
12
18
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
MOSFET symbol
nA
ns
A
pF
nC
VGS = 4.5V
VGS = 12V
VGS = -12V
–––
–––
88
–––
–––
22
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 8.5A ed
Conditions
See Fig.15
ƒ = 1.0MHz
TJ = 25°C, IF = 8.5Ad, VDD = 10V
di/dt = 210A/μs
TJ = 25°C, IS = 8.5Ad, VGS = 0V e
showing the
integral reverse
p-n junction diode.
RG=1.8
Ω
VDS = 10V, ID = 8.5Ad
VDS = 16V, VGS = 0V, TJ = 125°C
μA
ID = 8.5Ad (See Fig.17 & 18)
ID = 8.5A
VGS = 0V
VDS = 10V
VDS = 16V, VGS = 0V
VDS = VGS, ID = 10μA
VGS = 2.5V, ID = 8.5A ed
m
Ω
VDD = 10V, VGS = 4.5V e
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case
g
–––
13
RθJC (Top)
Junction-to-Case
g
–––
94
°C/W
RθJA
Junction-to-Ambient
f
–––
63
RθJA (<10s)
Junction-to-Ambient
f
–––
46


Número de pieza similar - IRLHS6242PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLHS6242PBF IRF-IRLHS6242PBF Datasheet
225Kb / 9P
   HEXFET Power MOSFET
More results

Descripción similar - IRLHS6242PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com