Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLML2060PBF Datasheet(PDF) 8 Page - International Rectifier

No. de pieza IRLML2060PBF
Descripción Electrónicos  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLML2060PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRLML2060PBF Datasheet HTML 2Page - International Rectifier IRLML2060PBF Datasheet HTML 3Page - International Rectifier IRLML2060PBF Datasheet HTML 4Page - International Rectifier IRLML2060PBF Datasheet HTML 5Page - International Rectifier IRLML2060PBF Datasheet HTML 6Page - International Rectifier IRLML2060PBF Datasheet HTML 7Page - International Rectifier IRLML2060PBF Datasheet HTML 8Page - International Rectifier IRLML2060PBF Datasheet HTML 9Page - International Rectifier IRLML2060PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRLML2060TRPbF
8
www.irf.com
Micro3 (SOT-23/TO-236AB) Part Marking Information
Micro3 (SOT-23) Package Outline
Dimensions are shown in millimeters (inches)
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
e
E1
E
D
A
B
0.15 [0.006]
e1
1
2
3
M CB A
5
6
6
5
NOTES:
b
A1
3X
A
A2
A
B
C
M
0.20 [0.008]
0.10 [0.004] C
C
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1994
2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
3. CONTROLLING DIMENSION: MILLIMETER.
4. DATUM PLANE H IS LOCATED AT THE MOLD PARTING LINE.
5. DATUM A AND B TO BE DETERMINED AT DATUM PLANE H.
6. DIMENSIONS D AND E1 ARE MEASURED AT DATUM PLANE H. DIMENSIONS DOES
NOT INCLUDE MOLD PROTRUSIONS OR INTERLEAD FLASH. MOLD PROTRUSIONS
OR INTERLEAD FLASH SHALL NOT EXCEED 0.25 MM [0.010 INCH] PER SIDE.
7. DIMENSION L IS THE LEAD LENGTH FOR SOLDERING TO A SUBSTRATE.
8. OUTLINE CONFORMS TO JEDEC OUTLINE TO-236 AB.
0.89
1.12
SYMBOL
MAX
MIN
A1
b
0.01
0.10
c
0.30
0.50
D
0.08
0.20
E
2.80
3.04
E1
2.10
2.64
e
1.20
1.40
A
0.95
BSC
L
0.40
0.60
08
MILLIMETERS
A2
0.88
1.02
e1
1.90
BSC
REF
0.54
L1
BSC
0.25
L2
 
BSC
!
REF
7T8Ã
&$
#
"$
INCHES
8
0
!#
 %
7T8
"&
$$
#&
 #
'"
 !
 
'
"
!
 !
#
0.0004
MIN
MAX
##
"$
DIMENSIONS
0.972
1.900
Recommended Footprint
0.802
0.950
2.742
3X L
c
L2
H 4
L1
7
I‚‡r†)ÃUuv†Ãƒh…‡Ã€h…xvtÃvs‚…€h‡v‚Ãhƒƒyvr†Ã‡‚Ãqr‰vpr†Ãƒ…‚qˆprqÃhs‡r…Ã!!%!
XXÃ2Ã!&$!ÃDAÃQS@8@9@9Ã7`Ã6ÃG@UU@S
8
C
F
E
@
A
B
9

! 
`@6S
7
6
`
!&
!'
!(
!%
!$
!"
!#
!
!!
$
&
(
'
%
"
#
!
8
!(
a
$!
$
$
Y
`
"
9
Y
!#
X
XPSF
X@@F
!&
!'
7
6
!%
!$
a
`
"
#

!
8
9
6
7
DATE CODE MARKING INSTRUCTIONS
XXÃ2Ã !%ÃDAÃQS@8@9@9Ã7`ÃG6TUÃ9DBDUÃPAÃ86G@I96SÃ`@6S
`@6S
`
X
X@@F
XPSF
!!
! &
! '
! (
! %
! $
! "
! #
!
! !
! 
!&
!'
!(
!%
!$
!"
!#
!
!!
!!
! &
! '
! (
! %
! $
! "
! #
!
! !


Número de pieza similar - IRLML2060PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLML2060PBF IRF-IRLML2060PBF Datasheet
205Kb / 10P
   HEXFETPower MOSFET Load/ System Switch
More results

Descripción similar - IRLML2060PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com