Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLML6244PBF Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRLML6244PBF
Descripción Electrónicos  Industry-standard SOT-23 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLML6244PBF Datasheet(HTML) 5 Page - International Rectifier

  IRLML6244PBF Datasheet HTML 1Page - International Rectifier IRLML6244PBF Datasheet HTML 2Page - International Rectifier IRLML6244PBF Datasheet HTML 3Page - International Rectifier IRLML6244PBF Datasheet HTML 4Page - International Rectifier IRLML6244PBF Datasheet HTML 5Page - International Rectifier IRLML6244PBF Datasheet HTML 6Page - International Rectifier IRLML6244PBF Datasheet HTML 7Page - International Rectifier IRLML6244PBF Datasheet HTML 8Page - International Rectifier IRLML6244PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRLML6244TRPbF
www.irf.com
5
Fig 11. Typical Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current vs.
Ambient Temperature
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
Fig 10a. Switching Time Test Circuit
VDS
Pulse Width µs
Duty Factor 
RD
VGS
RG
D.U.T.
VGS
+
-VDD
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
1
2
3
4
5
6
7
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
1000
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + TA


Número de pieza similar - IRLML6244PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLML6244PBF IRF-IRLML6244PBF Datasheet
202Kb / 10P
   HEXFETPower MOSFET
More results

Descripción similar - IRLML6244PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLML6344PBF IRF-IRLML6344PBF_15 Datasheet
210Kb / 10P
   Industry-standard SOT-23 Package
IRLML6246PBF IRF-IRLML6246PBF_15 Datasheet
214Kb / 10P
   Industry-standard SOT-23 Package
IRLML0030PBF-1 IRF-IRLML0030PBF-1_15 Datasheet
212Kb / 9P
   Industry-standard pinout SOT-23 Package
logo
KEC(Korea Electronics)
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
   SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
   SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KDS135S KEC-KDS135S Datasheet
348Kb / 1P
   SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com