Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLML6346PBF Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRLML6346PBF
Descripción Electrónicos  RoHS compliant containing no lead, no bromide and no halogen
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLML6346PBF Datasheet(HTML) 3 Page - International Rectifier

  IRLML6346PBF Datasheet HTML 1Page - International Rectifier IRLML6346PBF Datasheet HTML 2Page - International Rectifier IRLML6346PBF Datasheet HTML 3Page - International Rectifier IRLML6346PBF Datasheet HTML 4Page - International Rectifier IRLML6346PBF Datasheet HTML 5Page - International Rectifier IRLML6346PBF Datasheet HTML 6Page - International Rectifier IRLML6346PBF Datasheet HTML 7Page - International Rectifier IRLML6346PBF Datasheet HTML 8Page - International Rectifier IRLML6346PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRLML6346TRPbF
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance
vs. Temperature
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
VGS
TOP
10V
4.5V
3.0V
2.5V
2.3V
2.0V
1.8V
BOTTOM
1.5V
60μs PULSE WIDTH
Tj = 25°C
1.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1.5V
60μs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
4.5V
3.0V
2.5V
2.3V
2.0V
1.8V
BOTTOM
1.5V
0.5
1.0
1.5
2.0
2.5
3.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VDS = 15V
60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID = 3.4A
VGS = 4.5V


Número de pieza similar - IRLML6346PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLML6346PBF IRF-IRLML6346PBF Datasheet
218Kb / 10P
   HEXFET Power MOSFET
More results

Descripción similar - IRLML6346PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFH9310PBF IRF-IRFH9310PBF_15 Datasheet
296Kb / 9P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
IRLTS6342PBF IRF-IRLTS6342PBF_15 Datasheet
258Kb / 8P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
logo
Infineon Technologies A...
IRFH9310 INFINEON-IRFH9310 Datasheet
296Kb / 9P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
2014-08-26
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com